Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWCP1024 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCP1024
Description  WR-112 20 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1024 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCP1024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1024 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1024 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1024 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PEWCP1024 is a WR-112 Directional Broadwall waveguide coupler that operates in the frequency range of 7.05 to 10
GHz. This Waveguide component has a typical VSWR of 1.05:1. These designs are made of painted copper alloy and incor-
porate a broad wall configuration that result in a mid-band nominal coupling value of 10, 20, or 30 dB. Common applications
for this component would be where power measurements are required within a system for measuring/sampling power or fre-
quency monitoring with minimal signal loss to the main transmission line. Pasternack offers a complete family of waveguide
Crossguide and Broadwall couplers that are in-stock and ship same day.
Features
• Broadwall Waveguide Coupler
• 20 dB Nominal Coupling Level
• 7.05 GHz to 10 GHz Frequency Range
• Body and Flanges made of Copper Alloy
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
Directivity
40
dB
Insertion Loss
0.15
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
20
dB
.
Mechanical Specifications
Size
Length
18.62 in [472.95 mm]
Height
3.997 in [101.52 mm]
.
Weight
3.11 lbs [1.41 Kg]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 20 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-
Plane Coupled Port, 7.05 GHz to 10 GHz PEWCP1024
PEWCP1024
PEWCP1024 REV 1.0
WR-112 20 dB Directional Waveguide Broadwall
Coupler, UG-51/U Square Cover Flange, E-Plane
Coupled Port, 7.05 GHz to 10 GHz


Similar Part No. - PEWCP1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1020 PASTERNACK-PEWCP1020 Datasheet
448Kb / 5P
WR-90 10 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1021 PASTERNACK-PEWCP1021 Datasheet
448Kb / 5P
WR-90 20 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1022 PASTERNACK-PEWCP1022 Datasheet
449Kb / 5P
WR-90 30 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1023 PASTERNACK-PEWCP1023 Datasheet
422Kb / 5P
WR-112 10 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1025 PASTERNACK-PEWCP1025 Datasheet
429Kb / 5P
WR-112 30 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
More results

Similar Description - PEWCP1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1008 PASTERNACK-PEWCP1008 Datasheet
423Kb / 5P
WR-51 10 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 15 GHz to 22 GHz
PEWCP1009 PASTERNACK-PEWCP1009 Datasheet
423Kb / 5P
WR-51 20 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 15 GHz to 22 GHz
PEWCP1010 PASTERNACK-PEWCP1010 Datasheet
425Kb / 5P
WR-51 30 dB Directional Waveguide Broadwall Coupler, Square Cover Flange, E-Plane Coupled Port, 15 GHz to 22 GHz
PEWCP1023 PASTERNACK-PEWCP1023 Datasheet
422Kb / 5P
WR-112 10 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1025 PASTERNACK-PEWCP1025 Datasheet
429Kb / 5P
WR-112 30 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1027 PASTERNACK-PEWCP1027 Datasheet
445Kb / 5P
WR-112 20 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1063 PASTERNACK-PEWCP1063 Datasheet
409Kb / 5P
WR-112 20 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCP1064 PASTERNACK-PEWCP1064 Datasheet
409Kb / 5P
WR-112 30 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCP1065 PASTERNACK-PEWCP1065 Datasheet
409Kb / 5P
WR-112 40 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCP1066 PASTERNACK-PEWCP1066 Datasheet
410Kb / 5P
WR-112 50 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com