Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9541ACE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9541ACE
Description  LI LON BATTERY PROTECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9541ACE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9541ACE Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9541ACE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
RT9541
DS9541-05 August 2001
www.richtek-ic.com.tw
1
Li-Ion Battery Protector
General Description
The RT9541 Series are protection ICs for over-
charge/discharge of rechargeable one-cell Lithium-ion
(Li+) batteries by CMOS process.
The RT9541 Series can detect over-charge/discharge
of Li+ one-cell and excess load current and charge
current, further include a short circuit protector for
preventing large external short circuit current.
Each of these ICs is composed of four voltage
detectors, a reference unit, a hysteresis circuit, and a
bidirectional short circuit protector. Package of SOT-
26 is available.
Ordering Information
RT9541
Typical Application Circuit
Features
Low supply current
− Supply current: TYP. 2.0µµµµA
− Standby current (after detecting over-
discharge): Less than 0.2
µµµµA
High accuracy detector threshold
− Over-charge detector: ±±±±25mV
− Over-discharge detector: ±±±±2.5%
Built-in protection circuit
− Excess current trip/Short circuit protector in
both charging and discharging direction
Output delay of over-charge adjustable with
an external capacitor: 75mS at 0.01
µµµµF
Ultra small package: SOT26
Applications
Over-charge / Over-discharge Protection for Li+
One-cell Pack
High Precision Protectors for Cellular Phones or
Instruments Using Li+ One-cell Battery
Pin Configurations
Part Number
Pin Configurations
RT9541 CE
(Plastic SOT-26)
TOP VIEW
1. COUT
2. CT
3. VSS
4. DOUT
5. VDD
6. V-
RT9541 CER
(Plastic SOT-26)
TOP VIEW
1. DOUT
2. V-
3. COUT
4. CT
5. VDD
6. VSS
64
3
2
1
5
64
3
2
1
5
Operating temperature range
C: Commercial standard
Package type
E : SOT-26 Type I
ER : SOT-26 Type II
See Table 1
RT9541
VDD
CT
VSS
DOUT
COUT
V-
+
R1
100
Ω
C1
0.1
µF
C3
0.01
µF
C2
0.1
µF
R2
1K
Ω


Similar Part No. - RT9541ACE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501 RICHTEK-RT9501 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501AGF RICHTEK-RT9501AGF Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
More results

Similar Description - RT9541ACE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
Li-lon BATTERY PROTECTOR
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
Li-lon BATTERY PROTECTOR?
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
Li-lon BATTERY PROTECTOR
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
LI-ION BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
Li-Ion Battery Protector
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com