Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB10H-R06400 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB10H-R06400
Description  KEMET, SSHB10H, Commercial Grade, 0.04 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB10H-R06400 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB10H-R06400 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB10H-R06400
KEMET, SSHB10H, Commercial Grade, 0.04 H
Dimensions
L
22mm MAX
T
17mm MAX
H
15.5mm MAX
S
10mm +/-0.5mm
S1
13mm NOM
LL
3.5mm +/-0.5mm
F
0.7mm NOM
Packaging Specifications
Weight: 10 g
Packaging: Bulk
General Information
Series: SSHB10H
Style: Through-Hole Choke
Description:
Common Mode Filter, SS Coils,
SSHB10H, High Impedance
Type
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 60
K
Notes: Marking: R06 Lot No.
Specifications
Inductance: 40 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 0.6 Amps
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VDC
Insulation Resistance: 100 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/20/2018 - 35e25d08-d6b1-44e2-bb4b-b81f1e48dcd5


Similar Part No. - SSHB10H-R06400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10H-R04760 KEMET-SSHB10H-R04760 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.076 H
SSHB10H-R05500 KEMET-SSHB10H-R05500 Datasheet
104Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.05 H
SSHB10H-R07284 KEMET-SSHB10H-R07284 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0284 H
SSHB10H-R08194 KEMET-SSHB10H-R08194 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0194 H
More results

Similar Description - SSHB10H-R06400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10H-04320 KEMET-SSHB10H-04320 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.032 H
SSHB10H-05212 KEMET-SSHB10H-05212 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0212 H
SSHB10H-06171 KEMET-SSHB10H-06171 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0171 H
SSHB10H-07120 KEMET-SSHB10H-07120 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.012 H
SSHB10H-R04760 KEMET-SSHB10H-R04760 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.076 H
SSHB10H-R05500 KEMET-SSHB10H-R05500 Datasheet
104Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.05 H
SSHB10H-R07284 KEMET-SSHB10H-R07284 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0284 H
SSHB10H-R08194 KEMET-SSHB10H-R08194 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0194 H
SSHB10H-R10151 KEMET-SSHB10H-R10151 Datasheet
104Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0151 H
SSHB10H-R11128 KEMET-SSHB10H-R11128 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0128 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com