Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB10H-R30017 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB10H-R30017
Description  KEMET, SSHB10H, Commercial Grade, 1700 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB10H-R30017 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB10H-R30017 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB10H-R30017
KEMET, SSHB10H, Commercial Grade, 1700 uH
Dimensions
L
22mm MAX
T
17mm MAX
H
15.5mm MAX
S
10mm +/-0.5mm
S1
13mm NOM
LL
3.5mm +/-0.5mm
F
0.7mm NOM
Packaging Specifications
Weight: 10 g
Packaging: Bulk
General Information
Series: SSHB10H
Style: Through-Hole Choke
Description:
Common Mode Filter, SS Coils,
SSHB10H, High Impedance
Type
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 70
K
Notes: Marking: R30 Lot No.
Specifications
Inductance: 1.7 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 3 Amps
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VDC
Insulation Resistance: 100 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/20/2018 - 06d0bea8-5f86-4453-b66f-1e9d4bd05bcc


Similar Part No. - SSHB10H-R30017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10H-R04760 KEMET-SSHB10H-R04760 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.076 H
SSHB10H-R05500 KEMET-SSHB10H-R05500 Datasheet
104Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.05 H
SSHB10H-R06400 KEMET-SSHB10H-R06400 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.04 H
SSHB10H-R07284 KEMET-SSHB10H-R07284 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0284 H
SSHB10H-R08194 KEMET-SSHB10H-R08194 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 0.0194 H
More results

Similar Description - SSHB10H-R30017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10H-08082 KEMET-SSHB10H-08082 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 8200 uH
SSHB10H-10064 KEMET-SSHB10H-10064 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 6400 uH
SSHB10H-11054 KEMET-SSHB10H-11054 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 5400 uH
SSHB10H-13037 KEMET-SSHB10H-13037 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 3700 uH
SSHB10H-17023 KEMET-SSHB10H-17023 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 2300 uH
SSHB10H-22014 KEMET-SSHB10H-22014 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 1400 uH
SSHB10H-30007 KEMET-SSHB10H-30007 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 700 uH
SSHB10H-R13088 KEMET-SSHB10H-R13088 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 8800 uH
SSHB10H-R17055 KEMET-SSHB10H-R17055 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 5500 uH
SSHB10H-R22034 KEMET-SSHB10H-R22034 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 3400 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com