Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB10HS-R07230 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB10HS-R07230
Description  KEMET, SSHB10HS, Commercial Grade, 0.023 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB10HS-R07230 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB10HS-R07230 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB10HS-R07230
KEMET, SSHB10HS, Commercial Grade, 0.023 H
Dimensions
L
22mm MAX
T
17mm MAX
H
15.5mm MAX
S
10mm +/-0.5mm
S1
13mm NOM
LL
3.5mm +/-0.5mm
F
0.7mm NOM
Packaging Specifications
Weight: 10 g
Packaging: Bulk
General Information
Series: SSHB10HS
Style: Through-Hole Choke
Description:
Common Mode Filter, SS Coils,
SSHB10HS, Wide Range
Impedance Type
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 50
K
Notes: Marking: R07 Lot No.
Specifications
Inductance: 23 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 0.7 Amps
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VDC
Insulation Resistance: 100 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/20/2018 - 5c2be89a-6a89-4927-9962-00b6bf1136df


Similar Part No. - SSHB10HS-R07230

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10HS-R04620 KEMET-SSHB10HS-R04620 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.062 H
SSHB10HS-R05415 KEMET-SSHB10HS-R05415 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.0415 H
SSHB10HS-R06330 KEMET-SSHB10HS-R06330 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.033 H
SSHB10HS-R08160 KEMET-SSHB10HS-R08160 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.016 H
More results

Similar Description - SSHB10HS-R07230

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10HS-04265 KEMET-SSHB10HS-04265 Datasheet
106Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.0265 H
SSHB10HS-05177 KEMET-SSHB10HS-05177 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.0177 H
SSHB10HS-06140 KEMET-SSHB10HS-06140 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.014 H
SSHB10HS-R04620 KEMET-SSHB10HS-R04620 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.062 H
SSHB10HS-R05415 KEMET-SSHB10HS-R05415 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.0415 H
SSHB10HS-R06330 KEMET-SSHB10HS-R06330 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.033 H
SSHB10HS-R08160 KEMET-SSHB10HS-R08160 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.016 H
SSHB10HS-R10122 KEMET-SSHB10HS-R10122 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.0122 H
SSHB10HS-R11100 KEMET-SSHB10HS-R11100 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.01 H
SSHB10HS-R17046 KEMET-SSHB10HS-R17046 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 4600 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com