Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWIR1004 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWIR1004
Description  WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round Cover Flange
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWIR1004 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWIR1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWIR1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWIR1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWIR1004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWIR1004 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
33
34
36
37
39
40
42
43
44
46
47
49
50
dB
GHz
Insertion Loss
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
33
34
36
37
39
40
42
43
44
46
47
49
50
dB
GHz
Isolation
PEWIR1004 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round
Cover Flange PEWIR1004
Waveguide Isolators Technical Data Sheet
PEWIR1004
WR-22 Waveguide Isolator from 33 GHz to 50 GHz,
25 dB min Isolation, UG-383/U Round Cover Flange



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com