Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWTS1002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWTS1002
Description  WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTS1002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWTS1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTS1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTS1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Transitions from WR-112 to WR-90 waveguide
•
WR-112 waveguide UG-51/U flange
•
WR-90 waveguide UG-39/U flange
•
Painted finish
Applications
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWTS1002 is part of Pasternack’s Waveguide Transitions (also sometimes called waveguide adapters) used as a
means of propagating RF/Microwave energy from one waveguide size to another. The PEWTS1002 allows the waveguide to
change from a WR-112 waveguide (using a UG-51/U flange) to a WR-90 waveguide (using a UG-39/U flange).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
VSWR
1.08:1
.
Mechanical Specifications
Size
Length
3 in [76.2 mm]
.
Weight
0.69 lbs [312.98 g]
.
Description
Flange 1
Waveguide
Flange 2
Designation
UG-51/U
WR-112 to WR-90
UG-39/U
Flange Type
Square Cover
Square Cover
Material
Brass
Brass
Brass
...
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PEWTS1002 REV 1.0
PEWTS1002
WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-
51/U Square Cover Flange to UG-39/U Square Cover Flange
Waveguide Transitions Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to
UG-39/U Square Cover Flange
PEWTS1002


Similar Part No. - PEWTS1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PEWTS1001 PASTERNACK-PEWTS1001 Datasheet
402Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, CPR-137G Grooved Flange to CPR-112G Grooved Flange
PEWTS1003 PASTERNACK-PEWTS1003 Datasheet
388Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, CPR-112G Grooved Flange to CPR-90G Grooved Flange
PEWTS1004 PASTERNACK-PEWTS1004 Datasheet
397Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
PEWTS1005 PASTERNACK-PEWTS1005 Datasheet
385Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, CPR-90G Grooved Flange to Square Cover Flange
More results

Similar Description - PEWTS1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PEWTS1004 PASTERNACK-PEWTS1004 Datasheet
397Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
PEWTS1006 PASTERNACK-PEWTS1006 Datasheet
398Kb / 3P
WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U Square Cover Flange
PEWTS1007 PASTERNACK-PEWTS1007 Datasheet
397Kb / 3P
WR-62 to WR-51 Waveguide Transition 3 Inch Length, UG-1665/U Square Cover Flange to Square Cover Flange
PEWTS1008 PASTERNACK-PEWTS1008 Datasheet
385Kb / 3P
WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U Square Cover Flange
PEWTS1009 PASTERNACK-PEWTS1009 Datasheet
387Kb / 3P
WR-42 to WR-34 Waveguide Transition 2 Inch Length, UG-595/U Square Cover Flange to UG-1530/U Square Cover Flange
PEWTS1010 PASTERNACK-PEWTS1010 Datasheet
387Kb / 3P
WR-34 to WR-28 Waveguide Transition 2 Inch Length, UG-1530/U Square Cover Flange to UG-599/U Square Cover Flange
PE-W22TS28001 PASTERNACK-PE-W22TS28001 Datasheet
424Kb / 4P
WR-22 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-599/U Square Cover Flange
PE-W22TS42001 PASTERNACK-PE-W22TS42001 Datasheet
451Kb / 4P
WR-22 to WR-42 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-595/U Square Cover Flange
PE-W28TS42001 PASTERNACK-PE-W28TS42001 Datasheet
443Kb / 4P
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com