Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4339 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # BCM4339
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4339 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button BCM4339 Datasheet HTML 43Page - Cypress Semiconductor BCM4339 Datasheet HTML 44Page - Cypress Semiconductor BCM4339 Datasheet HTML 45Page - Cypress Semiconductor BCM4339 Datasheet HTML 46Page - Cypress Semiconductor BCM4339 Datasheet HTML 47Page - Cypress Semiconductor BCM4339 Datasheet HTML 48Page - Cypress Semiconductor BCM4339 Datasheet HTML 49Page - Cypress Semiconductor BCM4339 Datasheet HTML 50Page - Cypress Semiconductor BCM4339 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
Document No. 002-14784 Rev. *H
Page 47 of 133
PRELIMINARY
CYW4339
9.2.3 Physical Layer
The physical layer of the PCIe provides a handshake mechanism between the data link layer and the high-speed signaling used for
Link data interchange. This layer is divided into the logical and electrical functional subblocks. Both subblocks have dedicated transmit
and receive units that allow for point-to-point communication between the host and CYW4339 device. The transmit section prepares
outgoing information passed from the data link layer for transmission, and the receiver section identifies and prepares received
information before passing it to the data link layer. This process involves link initialization, configuration, scrambler, and data
conversion into a specific format.
9.2.4 Logical Subblock
The logical sub block primary functions are to prepare outgoing data from the data link layer for transmission and identify received
data before passing it to the data link layer.
9.2.5 Scrambler/Descrambler
This PCIe PHY component generates pseudo-random sequence for scrambling of data bytes and the idle sequence. On the transmit
side, scrambling is applied to characters prior to the 8b/10b encoding. On the receive side, descrambling is applied to characters after
8b/10b decoding. Scrambling may be disabled in polling and recovery for testing and debugging purposes.
9.2.6 8B/10B Encoder/Decoder
The PCIe core on the CYW4339 uses an 8b/10b encoder/decoder scheme to provide DC balancing, synchronizing clock and data
recovery, and error detection. The transmission code is specified in the ANSI X3.230-1994, clause 11 and in IEEE 802.3z, 36.2.4.
Using this scheme, 8-bit data characters are treated as 3 bits and 5 bits mapped onto a 4-bit code group and a 6-bit code group,
respectively. The control bit in conjunction with the data character is used to identify when to encode one of the twelve Special Symbols
included in the 8b/10b transmission code. These code groups are concatenated to form a 10-bit symbol, which is then transmitted
serially. Special Symbols are used for link management, frame TLPs, and DLLPs, allowing these packets to be quickly identified and
easily distinguished.
9.2.7 Elastic FIFO
An elastic FIFO is implemented in the receiver side to compensate for the differences between the transmit clock domain and the
receive clock domain, with worse case clock frequency specified at 600 ppm tolerance. As a result, the transmit and receive clocks
can shift one clock every 1666 clocks. In addition, the FIFO adaptively adjusts the elastic level based on the relative frequency
difference of the write and read clock. This technique reduces the elastic FIFO size and the average receiver latency by half.
9.2.8 Electrical Subblock
The high-speed signals utilize the Common Mode Logic (CML) signaling interface with on-chip termination and de-emphasis for best-
in-class signal integrity. A de-emphasis technique is employed to reduce the effects of Intersymbol Interference (ISI) due to the
interconnect by optimizing voltage and timing margins for worst case channel loss. This results in a maximally open “eye” at the
detection point, thereby allowing the receiver to receive data with acceptable Bit-Error Rate (BER).
To further minimize ISI, multiple bits of the same polarity that are output in succession are de-emphasized. Subsequent same bits are
reduced by a factor of 3.5 dB in power. This amount is specified by PCIe to allow for maximum interoperability while minimizing the
complexity of controlling the de-emphasis values. The high-speed interface requires AC coupling on the transmit side to eliminate the
DC common mode voltage from the receiver. The range of AC capacitance allowed is 75 nF to 200 nF.
9.2.9 Configuration Space
The PCIe function in the CYW4339 implements the configuration space as defined in the PCI Express Base Specification (revision
3.0 compliant Gen1 interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com