Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1350 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML1350
Description  Monolithic IF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1350 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML1350 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 6Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.lansdale.com
Page 2 of 6
Issue A
LANSDALE Semiconductor, Inc.
ML1350
ELECTRICAL CHARACTERISTICS (V+ = +12 Vdc, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
AGC Range, 45 MHz (5.0 V to 7.0 V) (Figure 1)
60
68
–
dB
Power Gain (Pin 5 grounded via a 5.1 kΩ resistor)
f = 58 MHz, BW = 4.5 MHz
See Figure 6(a)
f = 45 MHz, BW = 4.5 MHz
See Figure 6(a), (b)
f = 10.7 MHz, BW = 350 kHz
See Figure 7
f = 455 kHz, BW = 20 kHz
Ap
–
46
–
–
48
50
58
62
–
–
–
–
dB
Maximum Differential Voltage Swing
0 dB AGC
–30 dB AGC
VO
–
–
20
8.0
–
–
Vpp
Output Stage Current (Pins 1 and 8)
I1 + I8
–
5.6
–
mA
Total Supply Current (Pins 1, 2 and 8)
IS
–
14
17
mAdc
Power Dissipation
PD
–
168
204
mW
DESIGN PARAMETERS, Typical Values (V+ = +12 Vdc, TA = +25°C, unless otherwise noted.)
Frequency
Parameter
Symbol
455 kHz
10.7 MHz
45 MHz
58 MHz
Unit
Single–Ended Input Admittance
g11
b11
0.31
0.022
0.36
0.50
0.39
2.30
0.5
2.75
mmho
Input Admittance Variations with AGC
(0 dB to 60 dB)
∆g11
∆b11
–
–
–
–
60
0
–
–
µmho
Differential Output Admittance
g22
b22
4.0
3.0
4.4
110
30
390
60
510
µmho
Output Admittance Variations with AGC
(0 dB to 60 dB)
∆g22
∆b22
–
–
–
–
4.0
90
–
–
µmho
Reverse Transfer Admittance (Magnitude)
|y12|
< < 1.0
< < 1.0
< < 1.0
< < 1.0
µmho
Forward Transfer Admittance
Magnitude
Angle (0 dB AGC)
Angle (–30 dB AGC)
|y21|
< y21
< y21
160
–5.0
–3.0
160
–20
–18
200
–80
–69
180
–105
–90
mmho
Degrees
Degrees
Single–Ended Input Capacitance
Cin
7.2
7.2
7.4
7.6
pF
Differential Output Capacitance
CO
1.2
1.2
1.3
1.6
pF
Figure 2. Typical Gain Reduction
Figure 3. Noise Figure versus Gain Reduction
4.0
5.0
6.0
7.0
VAGC, SUPPLY VOLTAGE (V)
IAGC = 0.2 mA
0
10
20
30
40
GAIN REDUCTION (dB)
45 MHz
58 MHz
IAGC = 0.1 mA
(Figures 6 and 7)
(Figure 6)
0
20
40
60
80
22
20
18
16
14
12
10
8.0
6.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com