Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF482 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPF482
Description  Fiber Optic Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF482 Datasheet(HTML) 1 Page - TT Electronics.

  OPF482 Datasheet HTML 1Page - TT Electronics. OPF482 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fiber Optic Detector
OPF482
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPF482 is a low noise silicon PIN photodiode mounted in a low cost package for fiber op c applica ons. It offers fast
response at moderate bias and is compa ble with LED and laser diode sources in the 800-1000 nm wavelength region. Low
capacitance improves signal to noise performance in typical short haul LAN applica ons.
The OPF482 is designed to be compa ble with mul mode op cal fibers from 50/125 to 200/300 microns.
Applications:
Industrial Ethernet equipment
Copper-to-fiber media conversion
Intra-system fiber op c links
Video surveillance systems
Features:
High speed, low capacitance
Popular ST® style receptacle
Pre-tested with fiber to assure performance
Component pre-mounted and ready to use
100MHz operation minimum


Similar Part No. - OPF482

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
More results

Similar Description - OPF482

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF420 OPTEK-OPF420_14 Datasheet
311Kb / 3P
Fiber Optic Detector
OPF430 OPTEK-OPF430_14 Datasheet
313Kb / 3P
Fiber Optic Detector
OPF470 OPTEK-OPF470_14 Datasheet
314Kb / 3P
Fiber Optic Detector
OPF480 OPTEK-OPF480_14 Datasheet
316Kb / 3P
Fiber Optic Detector
logo
TT Electronics.
OPF422 TTELEC-OPF422 Datasheet
328Kb / 3P
Fiber Optic Detector
OPF432 TTELEC-OPF432 Datasheet
387Kb / 3P
Fiber Optic Detector
OPF420 TTELEC-OPF420 Datasheet
350Kb / 3P
Fiber Optic Detector
OPF470 TTELEC-OPF470 Datasheet
377Kb / 3P
Fiber Optic Detector
OPF480 TTELEC-OPF480 Datasheet
365Kb / 3P
FIBER OPTIC DETECTOR
OPF472 TTELEC-OPF472 Datasheet
759Kb / 3P
Fiber Optic Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com