Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF522 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPF522
Description  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF522 Datasheet(HTML) 4 Page - TT Electronics.

  OPF522 Datasheet HTML 1Page - TT Electronics. OPF522 Datasheet HTML 2Page - TT Electronics. OPF522 Datasheet HTML 3Page - TT Electronics. OPF522 Datasheet HTML 4Page - TT Electronics. OPF522 Datasheet HTML 5Page - TT Electronics. OPF522 Datasheet HTML 6Page - TT Electronics. OPF522 Datasheet HTML 7Page - TT Electronics. OPF522 Datasheet HTML 8Page - TT Electronics. OPF522 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Receiver
OPF520 Series
Issue D
08/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature
55° C to +115° C
Opera ng Temperature
-40° C to +85° C
Lead Soldering Temperature (for 10 seconds)
260° C
Supply Voltage
-0.5 V to +7.0 V
Output Current
25 mA
Output Voltage
-0.5 V to +18.0 V
Open Collector Power Distribu on
40mW
Fan Out (TTL)
5
(1)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX UNITS
TEST CONDITIONS
IOH
High Level Output Current
5
250
µA
VO = 18V, POC < -40 dBm, See Note 2
VOL
Low Level Output Voltage
0.2
0.5
V
IO = 8 mA, POC > +24 dBm, See Note2
ICCH
Supply Current, Output High
3.5
6.3
mA
VCC = 5.25 V, POC < -40 dBm, See Note 2
ICCL
Supply Current, Output Low
6.9
10
mA
VCC = 5.25 V, POC < -24 dBm, See Note 2
POC(H)
Peak Input Power Level, Output High
-40
dBm
λp = 850 nm
(Guaranteed Output High)
0.1
µW
POC(L)
Peak Input Power Level, Output Low
-25.4
-9.2
dBm
λp = 850 nm, IO = 8 mA
2.9
120
µW
(Guaranteed Output Low)
-24
-10
dBm
λp = 850 nm, IO = 8 mA
4.0
100
µW
-40ºC ≤ TA ≤ +85ºC
tr, tf
Rise, Fall Time
30
ns
tPDHL
Propaga on Delay, Output High to Low
65
ns
tPDLH
Propaga on Delay, Output Low to High
100
ns
PWD
Pulse Width Distor on
±30
%
POC = 20 dBm (peak), ƒ = 2.5 MHz, See Note 3
Notes:
1.
8mA load (5 x 1.6 mA), RL = 560 Ω
2.
Use recommended test circuit below, but connect VO to an independent voltage source with RL = 0.
3.
Use recommended test circuit below.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com