Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBG4C7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLBG4C7
Description  Round Through-Hole LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLBG4C7 Datasheet(HTML) 2 Page - TT Electronics.

  OVLBG4C7 Datasheet HTML 1Page - TT Electronics. OVLBG4C7 Datasheet HTML 2Page - TT Electronics. OVLBG4C7 Datasheet HTML 3Page - TT Electronics. OVLBG4C7 Datasheet HTML 4Page - TT Electronics. OVLBG4C7 Datasheet HTML 5Page - TT Electronics. OVLBG4C7 Datasheet HTML 6Page - TT Electronics. OVLBG4C7 Datasheet HTML 7Page - TT Electronics. OVLBG4C7 Datasheet HTML 8Page - TT Electronics. OVLBG4C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
03/2013
Page 2 of 9
Round Through-Hole LED (3 mm)
OVLBx4C7 Series
Absolute Maximum Ratings (T
A = 25
o C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +100 °C
Reverse Voltage (Device not designed for reverse voltage applications)
5 V Max
Continuous Forward Current (Design of heat dissipation should be considered)
Blue, Green
25 mA
Red,
Yellow
50 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Blue, Green
100 mA
Red,
Yellow
100 mA
Power Dissipation
Blue, Green
100 mW
Red,
Yellow
120 mW
Current Linearity vs Ambient Temperature
Blue, Green
-0.29 mA/°C
Red,
Yellow
-0.72 mA/°C
LED Junction Temperature
125°C
Lead Soldering Temperature (4 mm away from the base of the epoxy bulb)
260°C / 3 seconds
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Electrical Characteristics (T
A = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
Blue
1135
1800
----
mcd
IF = 20 mA
Green
4360
8400
----
Red
2225
3700
----
Yellow
2225
3700
----
VF
Forward Voltage
Blue
2.6
3.2
4.0
V
IF = 20 mA
Green
Red
1.8
2.0
Yellow
IR
Reverse Current
Blue
----
----
10
µA
VR = 5 V
Green
----
----
Red
----
----
Yellow
----
----
λ
D
Dominant Wavelength
Blue
460
470
475
nm
IF = 20 mA
Green
519
525
531
Red
620
623
630
Yellow
585
589
595
2Θ½H-H
50% Power Angle
----
45
----
deg
IF = 20 mA
2.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com