Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLFY3C7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLFY3C7
Description  Round Through-Hole LED Lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLFY3C7 Datasheet(HTML) 2 Page - TT Electronics.

  OVLFY3C7 Datasheet HTML 1Page - TT Electronics. OVLFY3C7 Datasheet HTML 2Page - TT Electronics. OVLFY3C7 Datasheet HTML 3Page - TT Electronics. OVLFY3C7 Datasheet HTML 4Page - TT Electronics. OVLFY3C7 Datasheet HTML 5Page - TT Electronics. OVLFY3C7 Datasheet HTML 6Page - TT Electronics. OVLFY3C7 Datasheet HTML 7Page - TT Electronics. OVLFY3C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© TT electronics plc
Issue C
08/2017
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Round Through-Hole LED Lamp
(5 mm)
OVLFx3C7
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +100 °C
Reverse Voltage
5 V
Continuous Forward Current
Blue, Green
25 mA
Continuous Forward Current
Red,
Yellow
50 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Blue, Green
100 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Red,
Yellow
100 mA
Power Dissipation
Blue, Green
100 mW
Power Dissipation
Red,
Yellow
120 mW
Current Linearity vs Ambient Temperature
Blue, Green
-0.29 mA/° C
Current Linearity vs Ambient Temperature
Red,
Yellow
-0.72 mA/° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
LED Junction Temperature
125° C
Lead Soldering Temperature (4 mm from the base of the epoxy bulb)
260° C / 5 seconds
Electrical Specifications
Electrical Characteristics
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
Blue
3,115
5,200
----
mcd
IF = 20 mA
Green
8,550
16,000
----
Red
4,360
7,400
----
Yellow
4,360
7,400
----
VF
Forward Voltage
Blue
2.6
3.4
4.0
V
IF = 20 mA
Green
Red
1.8
2.0
2.4
Yellow
IR
Reverse Current
Blue
----
----
10
µA
VR = 5 V
Green
Red
Yellow
λD
Dominant Wavelength
Blue
460
470
475
nm
IF = 20 mA
Green
519
525
531
Red
620
623
630
Yellow
585
589
595
Δλ
Spectra Half Width
Blue
----
25
nm
IF = 20 mA
----
Green
Red
Yellow
2Θ½H-H
50% Power Angle
----
30
----
deg
IF = 20 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com