Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730C14L1 Datasheet(PDF) 2 Page - International Rectifier

Part # ST730C14L1
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST730C14L1 Datasheet(HTML) 2 Page - International Rectifier

  ST730C14L1 Datasheet HTML 1Page - International Rectifier ST730C14L1 Datasheet HTML 2Page - International Rectifier ST730C14L1 Datasheet HTML 3Page - International Rectifier ST730C14L1 Datasheet HTML 4Page - International Rectifier ST730C14L1 Datasheet HTML 5Page - International Rectifier ST730C14L1 Datasheet HTML 6Page - International Rectifier ST730C14L1 Datasheet HTML 7Page - International Rectifier ST730C14L1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST730C..L Series
2
www.irf.com
Bulletin I25191 rev. D 04/03
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r ≤
1µs
of turned-on current
TJ = TJ max, anode voltage ≤ 80% VDRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% VDRM, T
J
= 25°C
I
TM
= 750A, T
J
= T
J
max, di/dt = 60A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, t
p
= 500µs
Parameter
ST730C..L
Units Conditions
Switching
1000
A/µs
t
d
Typical delay time
1.0
t
q
Typical turn-off time
150
µs
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J
= T
J
max
VV
mA
08
800
900
12
1200
1300
ST730C..L
14
1400
1500
80
16
1600
1700
18
1800
1900
20
2000
2100
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
T(AV)
Max. average on-state current
990 (375)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
2000
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one-cycle
17800
t = 10ms
No voltage
non-repetitive surge current
18700
A
t = 8.3ms
reapplied
15000
t = 10ms
100% V
RRM
15700
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
1591
t = 10ms
No voltage
Initial T
J
= T
J
max.
1452
t = 8.3ms
reapplied
1125
t = 10ms
100% V
RRM
1027
t = 8.3ms
reapplied
I
2
√t
Maximum I
2
√t for fusing
15910
KA
2
√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1
Low level value of threshold
voltage
V
T(TO)
2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.62
V
I
pk
= 2000A, T
J
= T
J
max, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
I
L
Typical latching current
1000
0.98
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.32
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.27
(I >
π x I
T(AV)
),T
J
= T
J
max.
Parameter
ST730C..L
Units Conditions
1.12
(I >
π x I
T(AV)
),T
J
= T
J
max.
On-state Conduction
KA
2s
V
m
Ω
mA
T
J
= 25°C, anode supply 12V resistive load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com