Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730C20L2 Datasheet(PDF) 1 Page - International Rectifier

Part # ST730C20L2
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST730C20L2 Datasheet(HTML) 1 Page - International Rectifier

  ST730C20L2 Datasheet HTML 1Page - International Rectifier ST730C20L2 Datasheet HTML 2Page - International Rectifier ST730C20L2 Datasheet HTML 3Page - International Rectifier ST730C20L2 Datasheet HTML 4Page - International Rectifier ST730C20L2 Datasheet HTML 5Page - International Rectifier ST730C20L2 Datasheet HTML 6Page - International Rectifier ST730C20L2 Datasheet HTML 7Page - International Rectifier ST730C20L2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AC (B-PUK)
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
990
A
@ T
hs
55
°C
I
T(RMS)
2000
A
@ T
hs
25
°C
I
TSM
@ 50Hz
17800
A
@ 60Hz
18700
A
I2t@ 50Hz
1591
KA2s
@ 60Hz
1452
KA2s
V
DRM
/V
RRM
800 to 2000
V
t
q
typical
150
µs
T
J
- 40 to 125
°C
Parameters
ST730C..L
Units
Major Ratings and Characteristics
case style TO-200AC (B-PUK)
990A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST730C..L SERIES
1
Bulletin I25191 rev. D 04/03
www.irf.com


Similar Part No. - ST730C20L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST730C20L2LPBF VISHAY-ST730C20L2LPBF Datasheet
150Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 990 A
11-Aug-08
ST730C20L2PBF VISHAY-ST730C20L2PBF Datasheet
150Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 990 A
11-Aug-08
More results

Similar Description - ST730C20L2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com