Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431KLP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # TL431KLP
Description  Programmable Precision Shunt Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431KLP Datasheet(HTML) 3 Page - Micro Commercial Components

  TL431KLP Datasheet HTML 1Page - Micro Commercial Components TL431KLP Datasheet HTML 2Page - Micro Commercial Components TL431KLP Datasheet HTML 3Page - Micro Commercial Components TL431KLP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCC
TL431
KLP
www.mccsemi.com
Revision: A
2014/01/29
TM
Micro Commercial Components
3 of 4
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
0
5
10
15
20
25
30
35
40
-20
-16
-12
-8
-4
0
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
KA
=36V
V
ref
=0V
Off-State Cathode Current
versus Ambient Temperature
T
a
, AMBIENT TEMPERATURE
(
)
I
K
=10mA
T
a
=25
Change in Reference Input
Voltage versus Cathode Voltage
V
KA
, CATHODE VOLTAGE
(V)
I
K
=10mA
R
1
=10K
Reference Input Current versus
Ambient Temperature
T
a
, AMBIENT TEMPERATURE
(
)
Test Circuit for VKA=Vref(1+R1/R2)+R1*Iref
Test Circuit for Iref
Test Circuit for Ioff



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com