Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5812MP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5812MP
Description  150mA, 60V Low-side Adjustable Linear LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5812MP Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5812MP Datasheet HTML 1Page - Diodes Incorporated AL5812MP Datasheet HTML 2Page - Diodes Incorporated AL5812MP Datasheet HTML 3Page - Diodes Incorporated AL5812MP Datasheet HTML 4Page - Diodes Incorporated AL5812MP Datasheet HTML 5Page - Diodes Incorporated AL5812MP Datasheet HTML 6Page - Diodes Incorporated AL5812MP Datasheet HTML 7Page - Diodes Incorporated AL5812MP Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AL5812EV2 User Guide
150mA, 60V Low-side Adjustable Linear LED Driver
AL5812EV2 Rev2
Page 3 of 8
January 2013
www.diodes.com
1. By default, the evaluation board is preset at 150mA as low side current LED configuration.
2. Ensure that the DC source is switched OFF or disconnected.
3. Connect the DC line wires of power supply to VIN and GND terminals on the board.
4. Connect the anode wire of external LED string to VIN of the board.
5. Connect the cathode wire of external LED string to LED terminal of the board.
6. Load 10KΩ to R1 on the board. Do not load any components on R2 and R3.
7. Ensure that the area around the board is clear and safe, and preferably that the board and
LEDs are enclosed in a transparent safety cover.
8. Turn on the main switch. LED string should light up with LED.
Other Typical Circuit Design Options
I) Current LED String Procedure in High side current LED configuration
1. The evaluation can be configured as High side current LED configuration.
2. Ensure that the DC source is switched OFF or disconnected.
3. Connect the line wire of the DC power supply to VIN and LED terminals on the board.
4. Connect the GND wire of the DC power supply to GND terminals on the board.
5. Connect the anode wire of external LED string to floating GND of the board.
6. Connect the cathode wire of external LED string to earth GND of the DC power supply.
7. Load 10KΩ to R1 on the board. Do not load any components on R2 and R3.
8. Observe MAX 60V differential between VIN and floating GND when applied VIN > 60V.
9. In the high side circuit configuration, extreme high voltage may be present. Please use
caution and try not to touch any components on the board or input leads.
10. Turn on the main switch. LED string should light up with LED.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com