Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N/A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # N/A
Description  75mA, 60V Low-side Adjustable Linear LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

N/A Datasheet(HTML) 5 Page - Diodes Incorporated

  N/A Datasheet HTML 1Page - Diodes Incorporated N/A Datasheet HTML 2Page - Diodes Incorporated N/A Datasheet HTML 3Page - Diodes Incorporated N/A Datasheet HTML 4Page - Diodes Incorporated N/A Datasheet HTML 5Page - Diodes Incorporated N/A Datasheet HTML 6Page - Diodes Incorporated N/A Datasheet HTML 7Page - Diodes Incorporated N/A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AL5811EV1 User Guide
75mA, 60V Low-side Adjustable Linear LED Driver
AL5811EV1 Rev2
Page 5 of 8
January 2013
www.diodes.com
Schematic
For AL5811EV1 (MSOP-8EP)
Bill of Material
Bill of Material for AL5811EV1 MSOP-8EP Evaluation Board (Low Side Current LED String Configuration)
#
Name
Quantity
Part number
Manufacturer
Description
1
U1
1
AL5811MP
Diodes Inc
Adjustable Linear Driver in MSOP-8EP
2
C1
1
12101C104KAT2A
AVX Corp
CAP CER 0.1µF 100V 10% X7R 1210
3
R1
1
RR1220P-103-D
Susumu
RES 10KΩ 1/10W 0.5% 0805 SMD
4
R2, R3
0
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com