Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8400 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8400
Description  The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8400 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8400 Datasheet HTML 1Page - Diodes Incorporated AL8400 Datasheet HTML 2Page - Diodes Incorporated AL8400 Datasheet HTML 3Page - Diodes Incorporated AL8400 Datasheet HTML 4Page - Diodes Incorporated AL8400 Datasheet HTML 5Page - Diodes Incorporated AL8400 Datasheet HTML 6Page - Diodes Incorporated AL8400 Datasheet HTML 7Page - Diodes Incorporated AL8400 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AL8400EV1
Issue 1 –November 2010
www.diodes.com
© Diodes Incorporated 2010
4
Bill of Materials
QUANTITY
PCB IDENT
VALUE
DESCRIPTION
SUGGESTED SOURCE
1
N/A
DDB041R1
PCB
Diodes Zetex
1
U1
AL8400
Diodes Zetex
1
Q1
FZT690B
Diodes Zetex
2
C1,C2
470nF
0603 Ceramic Capacitor
Generic
1
R1
10k
0603 Resistor
Generic
1
R2
1R3
1206 Resistor
Generic
Circuit Accuracy.
The accuracy of the circuit is determined by the accuracy of the device (+/- 5% over temp)
and the accuracy of the current sensing resistor (Typ +/- 1%).
For the circuit as set the nominal current is 154mA (0.2/1.3 = 0.15384…). The worst cases
are 163mA (0.210/1.287 = 0.16317…) and 144mA (0.19/1.313 = 0.14470…). This gives approx 10mA
possible variation over the nominal 154mA, about 6.5%.
For Further information please contact your Diodes Inc representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com