Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8805
Description  The input bridge rectifier provides the board with reverse battery protection.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8805 Datasheet HTML 1Page - Diodes Incorporated AL8805 Datasheet HTML 2Page - Diodes Incorporated AL8805 Datasheet HTML 3Page - Diodes Incorporated AL8805 Datasheet HTML 4Page - Diodes Incorporated AL8805 Datasheet HTML 5Page - Diodes Incorporated AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AL8805EV2
Issue 1 – August 2010
www.diodes.com
© Diodes Incorporated 2010
4
AL8805 Operation
In normal operation, when voltage is applied at +Vin, the AL8805 internal NDMOS switch is turned on.
Current starts to flow through sense resistor R1, inductor L1, and the LED. The current ramps up
linearly, and the ramp rate is determined by the input voltage +Vin and the inductor L1. This rising
current produces a voltage ramp across R1. The internal circuit of the AL8805 senses the voltage
across R1 and applies a proportional voltage to the input of the internal comparator. When this
voltage reaches an internally set upper threshold, the NDMOS switch is turned off. The inductor
current continues to flow through R1, L1, the LED and the schottky diode D1, and back to the supply
rail, but it decays, with the rate of decay determined by the forward voltage drop of the LEDs and the
schottky diode. This decaying current produces a falling voltage at R1, which is sensed by the
AL8805. A voltage proportional to the sense voltage across R1 is applied at the input of the internal
comparator. When this voltage falls to the internally set lower threshold, the NDMOS switch is turned
on again. This switch-on-and-off cycle continues to provide the average LED current set by the sense
resistor R1. Please refer to the datasheets for the threshold limits, AL8805 internal circuits, electrical
characteristics and parameters.
AL8805EV2 Component list
QUANTITY
PCB
IDENT
VALUE
DESCRIPTION
SUGGESTED
SOURCE
1
U1
AL8805
LED Driver IC
Diodes Inc.
1
D1, D2,
D3, D4,
D5
DFLS240L
Input bridge & freewheeling diode
Diodes Inc.
1
R1
0R15
Resistor, 0805, +/-1% <+/-300ppm
Generic
KOA
SR732ATTDR150F
Kemet
1
C2
150uF 20v
SMD tantalum Kemet D case,
T491X157K020AT
Kemet
1
C1
---
Not Fitted
1
C3
100nF >=25v
X7R 0805 Generic
Kemet C0805C104K5RAC (50v)
NIC NMC0805X7R104K50TRPF (50v)
Kemet
NIC Components
1
C4
1uF >=25v
X7R 1206 Generic
Kemet C1206105K5RAC7800 (50v)
NIC NMC1206X7R105K50F (50v)
Kemet
NIC Components
1
C5
---
Not Fitted
1
C6
---
Not Fitted
1
L1
33uH
LPS6235 - 333MLB
Coilcraft
1
L2
-----
Not Fitted
Note: The component part numbers are correct at the time of publication. Diodes Inc reserves the
right to substitute other parts where necessary, without further notification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com