Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8806 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8806
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8806 Datasheet HTML 1Page - Diodes Incorporated AL8806 Datasheet HTML 2Page - Diodes Incorporated AL8806 Datasheet HTML 3Page - Diodes Incorporated AL8806 Datasheet HTML 4Page - Diodes Incorporated AL8806 Datasheet HTML 5Page - Diodes Incorporated AL8806 Datasheet HTML 6Page - Diodes Incorporated AL8806 Datasheet HTML 7Page - Diodes Incorporated AL8806 Datasheet HTML 8Page - Diodes Incorporated AL8806 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
4 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Typical Performance Characteristics
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
V
(V)
Supply Current (not switching) vs. Input Current
IN
V
= 0V
V
= V
T = 25 C
CTRL
SET
IN
A
°
0
100
200
300
400
500
600
700
800
900
01
2
3
4
5
V(V)
Switching Frequency vs. V
CTR L
CT RL
V
= 12V
1 LED
R
= 150m
T = 25°C
IN
SET
A
L = 33µH
L = 68µH
L = 100µH
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0 0.5 1 1.5 2
2.5 3 3.5 4
4.5 5 5.5
T = 25°C
A
L =68µH
CTRL VOLTAGE (V)
LED Current vs. V
CTRL
R
= 68m
SET
R
= 100m
SET
R
= 150m
SET
-60
-40
-20
0
20
40
60
80
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
= V
= 12V
T = 25 C
SET
IN
A
V
(V)
I
vs V
CTRL
CTRL
CTRL
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
CTRL
A
V= O pen
T = 25 C
SET
IN
V
= V
V
(V)
V
vs. Input Voltage
(CTRL pin open circuit)
IN
CTRL
2.48
2.49
2.50
2.51
2.52
-40
-15
10
35
60
85
110
Ambient Temperature (°C)
V
vs. Temperature
CTRL
V
= Open
V
= V
= 12V
CTRL
SET
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com