Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8808 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8808
Description  The input bridge rectifier provides the board with reverse battery protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8808 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8808 Datasheet HTML 1Page - Diodes Incorporated AL8808 Datasheet HTML 2Page - Diodes Incorporated AL8808 Datasheet HTML 3Page - Diodes Incorporated AL8808 Datasheet HTML 4Page - Diodes Incorporated AL8808 Datasheet HTML 5Page - Diodes Incorporated AL8808 Datasheet HTML 6Page - Diodes Incorporated AL8808 Datasheet HTML 7Page - Diodes Incorporated AL8808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AL8808EV1
Issue 1 – January 2013
www.diodes.com
© Diodes Incorporated 2013
4
AL8808 Operation
In normal operation, when a voltage is applied at +Vin, the AL8808 internal NDMOS switch is turned
on. Current starts to flow through sense resistor R1, inductor L1, and the LED. The current ramps up
linearly, the ramp rate being determined by the input voltage +Vin and the inductor L1. This rising
current produces a voltage ramp across R1. The internal circuit of the AL8808 senses the voltage
across R1 and applies a proportional voltage to the input of the internal comparator. When this
voltage reaches an internally set upper threshold, the NDMOS switch is turned off. The inductor
current continues to flow through R1, L1, the LED and the Schottky diode D1, and back to the supply
rail, but it decays, with the rate of decay determined by the forward voltage drop of the LEDs and the
Schottky diode. This decaying current produces a falling voltage at R1, which is sensed by the
AL8808. A voltage proportional to the sense voltage across R1 is applied at the input of the internal
comparator. When this voltage falls to the internally set lower threshold, the NDMOS switch is turned
on again. This switch-on-and-off cycle continues to provide the average LED current set by the sense
resistor R1. Please refer to the datasheets for the threshold limits, AL8808 internal circuits, electrical
characteristics and parameters.
AL8808EV1 Component list
Ref
Value
Package
Part Number
Manufacturer
Notes
U1
AL8808
TSOT25
AL8808WT-7
Diodes Zetex
DC-DC
converter
D1
40V, 2A
B240A
Diodes Zetex
Schottky diode
R1
0R15
1206
Generic
1%
R2
0R
0805
Generic
1%
C1
4.7uF 50V
1210
C1210X475K5RAC
Generic
KEMET
X7R
C2
Not Fitted
Optional soft
start capacitor
C3
100nF, 100V
0805
NMC0805X7R104K100 PF
GRM21BR71H104KA01L
Generic
NIC Comps
MURATA
X7R
C4
100nF 100V
1206
NMC1206X7R104K100
Generic
NIC Comps
X7R
L1
68uH
MSS1038-683ML
NPIS24H680MTRF
Coilcraft
NIC Comps
Note: The component part numbers are correct at the time of publication. Diodes Inc reserves the
right to substitute other parts where necessary, without further notification.
AL8808EV1 Basic operation at full voltage
1.
Connect Vin and GND
Warning: The board does not feature reverse battery/supply protection.
2.
Set the PSU to 30V
3.
Turn on the PSU and the LED will illuminate and the current should be approximately 680mA.
Warning: Do not stare at the LED directly.
Switching the output current off
Shorting the CTRL pin to GND will cause the LED current to go to zero.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com