Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DF06S
Description  AL9910EV4 Evaluation board connection diagram
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 3 Page - Diodes Incorporated

  DF06S Datasheet HTML 1Page - Diodes Incorporated DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AL9910EV4
Issue 4 – June 2011
www.diodes.com
© Diodes Incorporated 2011
3
OPERATION
The AL9910A device is a PWM high-efficiency LED driver control IC. It allows efficient operation of High
Brightness (HB) LEDs from voltage sources ranging from 85VAC up to 265VAC. The AL9910A can be
configured to work in either fixed frequency or constant OFF-time mode. In fixed frequency mode, the
AL9910A controls an external MOSFET at a fixed switching frequency up to 300kHz, which can be
programmed using a single resistor. The LED string is driven at a constant current rather than at a constant
voltage, thus providing constant light output and enhanced reliability. The output current can be programmed
between a few milliamps and more than 1.0A.
Input filter and Rectifier section
In order to meet the EMI requirement, Cx1, Cx2, CX3, CX4, L1 and L2 are used to provide sufficient filtering
for both differential-mode and common-mode noise generated from the switching converter circuit after the
bridge rectifier.
The rectified line voltage from the bridge rectifier DB1 is fed into a valley-filled passive power factor correction
stage to provide a high power factor for the AC line input. The passive PFC stage comprises of C11, C2, D1,
D2, D3 and R1. This design gives power factors of greater than 0.9 at low line voltage.
Constant Current Buck Converter section
The buck converter section consists of LED controller AL9910A (U1), Ultra-fast free-wheeling rectifier SF30JG
(D4), Inductor (L3 and L4) and a high voltage MOSFET switch (Q1). On this evaluation board, the AL9910A is
configured to operate in the constant OFF-time mode to provide the best LED current regulation. The constant
OFF-time of the AL9910A’s gate output is set to approximately 14µs using resistor R9. Please refer to the
product datasheet for more details on how to configure the constant OFF-time mode.
The circuit values have been designed to provide an output current of 180mA. The LED current level is set by
resistors R5-R7. For detailed applications information please refer to the AL9910/A datasheet.
There is also provision for an optional gate transistor pair (Q2) to drive a MOSFET with a higher gate charge if
a higher LED current is required. Q2 is a high current gate driver in a SOT23-6 package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com