Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F680MTRF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # NPIS104F680MTRF
Description  The evaluation board does not have reverse supply protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NPIS104F680MTRF Datasheet(HTML) 5 Page - Diodes Incorporated

  NPIS104F680MTRF Datasheet HTML 1Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 2Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 3Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 4Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 5Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 6Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 7Page - Diodes Incorporated NPIS104F680MTRF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AL8807EV3
Issue 1 – December 2011
www.diodes.com
© Diodes Incorporated 2011
5
AL8807EV3 Basic operation at full voltage
1.
Connect Vin and GND
Warning: The board does not feature reverse battery/supply protection.
2.
Set the PSU to 36V
3.
Turn on the PSU and the LED will illuminate and the current should be approximately 680mA.
Warning: Do not stare at the LED directly.
Switching the output current off
Shorting the CTRL pin to GND will cause the LED current to go to zero.
Soft start
Adding a C2 capacitor will create a soft-start power-up sequence (0.1ms/nF). This delay will reduce
the PWM dimming performance.
Changing the LED current
1.
Remove R1.
2.
Calculate and replace sense resistor, R1, the value of which is based on the required LED
current without dimming. R1 can be calculated using following equation :
R1 = 0.1V/IOUT
where IOUT = the LED current.
R1 = the sense resistor value in ohms.
0.1V is the nominal sense voltage with ‘CTRL’ open circuit or set to 2.5V.
The device calculator at the address below can be used to speed up the redesign phase:
http://www.diodes.com/destools/calculators.html
PERFORMANCE
The system efficiency depends on the sense resistor, supply voltage, switching frequency and the
number of LEDs.
With a 12V supply and two LEDs, the switching frequency is typically 102kHz, and the efficiency level
is 88% .
For further advice, please contact your local Diodes Field Applications Engineer, or one of our
sales offices listed on the back page of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com