Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  12VDC and 12VAC input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 6 Page - Diodes Incorporated

  MPZ2012S300A Datasheet HTML 1Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 2Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 3Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 4Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 5Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 6Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AL8807EV4
Issue 2 – May 2012
© Diodes Incorporated 2012
www.diodes.com
6 of 8
Parts List
Count
Designator
Description
Package
Manufacturer
Part Number
1
C1
Capacitor, 470uF, 25V
Aluminium Electrolytic
Radial,
10 x 12.5mm
Rubycon
25ZLH470M
1
C2
Capacitor, 4.7µF 10%
50V X7R
1210
Kemet
C1210X475K5RAC
3
C3 C9 C10
Capacitor, 100nF 10%
50V X7R
0805
Kemet
NIC
C1210X475K5RAC
NMC0805X7R104K50TRPF
1
C4
Capacitor, 100nF 10%
50V X7R
1206
Kemet
NIC
C1206104K5RAC7800
NMC1206X7R104K50TRPF
4
C5 - C8
Capacitor, 1.5nF 10%
50V or 100V, COG
0805
generic
1
L1
Inductor, shielded,
15µH 20%
6.6 x 6.6mm
Coilcraft
NIC
Würth
MSS7341-153ML
NPIS64D150MTRF
744777115
1
L2
Inductor, ferrite bead,
6A, 30ohms @100MHz
0805
TDK
MPZ2012S300A
1
R1
Resistor, 0.15ohms 1%
250ppm 125mW
0805
generic
1
R2
Resistor, 0.2ohms 1%
250ppm 125mW
0805
generic
1
D1
Diode, schottky, 30V
2A DFLS230
(alternatives:
DFLS230L or LH)
PowerDi123
Diodes Inc
DFLS230-7
4
D2 - D5
Diode, Super Barrier
Rectifier, 30V 2A
SBR2U30
PowerDi123
Diodes Inc
SBR2U30P1-7
1
U1
IC, LED Driver, AL8807
MSOP-8EP
Diodes Inc
AL8807MP8-13
I/O
Count
Designator
Description
Function
Manufacturer
Part Number
1
P1
Solder pad
VDC, VAC Input
1
P2
Solder pad
VDC, VAC Input
1
A
Solder pad
LED Anode load
1
K
Solder pad
LED Cathode load
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDC
Input Supply Voltage, VDC
8
30
V
VAC
Input Supply Voltage, VAC
8
20
Vrms
VOUT
Load voltage ( 1 to 3 LEDs)
0
10
V
TA
Operating Ambient
Temperature
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com