Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8802EV2 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP8802EV2
Description  step-down DC/DC converter designed to drive LEDs with a constant current.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802EV2 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP8802EV2 Datasheet HTML 1Page - Diodes Incorporated AP8802EV2 Datasheet HTML 2Page - Diodes Incorporated AP8802EV2 Datasheet HTML 3Page - Diodes Incorporated AP8802EV2 Datasheet HTML 4Page - Diodes Incorporated AP8802EV2 Datasheet HTML 5Page - Diodes Incorporated AP8802EV2 Datasheet HTML 6Page - Diodes Incorporated AP8802EV2 Datasheet HTML 7Page - Diodes Incorporated AP8802EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP8802EV2
Issue 5 August 2009
www.diodes.com
© Diodes Incorporated 2009
6
CIRCUIT FEATURES
N.B. Remove power whilst changing components!
Soft-start
1.
The AP8802 has a in-built soft start function. A capacitor, C2 may be fitted to the evaluation
board to increase the soft start time by slowing the rise time of the adjust pin at start-up at the
rate of 0.2ms/nF. The board is supplied with a zero-ohm resistor in position R2. Please see
the data sheet for further details.
PWM
1.
Remove the soft start capacitor C2 (if it has been added by the user)
2.
Refer to the datasheet for instructions on how to perform PWM
Switching off the output current
3.
Shorting the CTRL pin to GND will cause the LED current to go to zero. Releasing this pin will
switch on the system (creating a soft-start power up sequence if the C2 capacitor is used).
Changing the LED current
1.
Refer to the datasheet for the derating curve and the power dissipation capability of the
package.
2.
Remove R1.
3.
Calculate and fit a new sense resistor, R1, the value of which is based on the required LED
current without dimming. R1 can be calculated using following equation :
R1= 0.2V / ILED where ILED = the LED current.
R1 = the sense resistors value in ohms.
0.2V is the nominal sense voltage with CTRL open circuit or set to 1.25V.
PERFORMANCE
The system efficiency depends on the sense resistor, supply voltage, switching inductor, and the
number of LEDs.
With a 45V supply and 12 LEDs, the switching frequency is typically 200kHz and efficiency levels
>90% are achievable.
Visit our website www.diodes.com to find useful tools for circuit design and simulation.
REFERENCE
[1] AP8802 Datasheet – www.diodes.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com