Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DF06S
Description  PWM high-efficiency LED driver control IC.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated DF06S Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AL9910EV6
Issue 4 – June 2011
www.diodes.com
© Diodes Incorporated 2011
6
PERFORMANCE
Efficiency vs Input Voltage
70
75
80
85
90
85
90
95
100 105 110 115 120
125 130
Input Voltage (V)
12 LEDs
10 LEDs
8 LEDs
Power Factor vs Input Voltage
0.70
0.75
0.80
0.85
0.90
0.95
1.00
85
90
95
100 105 110 115 120 125 130
Input Voltage (V)
12 LEDs
10 LEDs
8 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com