Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYW43353 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 35Page - Cypress Semiconductor CYW43353 Datasheet HTML 36Page - Cypress Semiconductor CYW43353 Datasheet HTML 37Page - Cypress Semiconductor CYW43353 Datasheet HTML 38Page - Cypress Semiconductor CYW43353 Datasheet HTML 39Page - Cypress Semiconductor CYW43353 Datasheet HTML 40Page - Cypress Semiconductor CYW43353 Datasheet HTML 41Page - Cypress Semiconductor CYW43353 Datasheet HTML 42Page - Cypress Semiconductor CYW43353 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 39 of 113
PRELIMINARY
CYW43353
8. WLAN Global Functions
8.1 WLAN CPU and Memory Subsystem
The CYW43353 WLAN section includes an integrated ARM Cortex-R4™ 32-bit processor with internal RAM and ROM. The ARM
Cortex-R4 is a low-power processor that features low gate count, low interrupt latency, and low-cost debug capabilities. It is intended
for deeply embedded applications that require fast interrupt response features. Delivering more than 30% performance gain over
ARM7TDMI, the ARM Cortex-R4 implements the ARM v7-R architecture with support for the Thumb®-2 instruction set.
At 0.19 µW/MHz, the Cortex-R4 is the most power efficient general-purpose microprocessor available, outperforming 8- and 16-bit
devices on MIPS/µW. It supports integrated sleep modes.
Using multiple technologies to reduce cost, the ARM Cortex-R4 offers improved memory utilization, reduced pin overhead, and
reduced silicon area. It supports independent buses for Code and Data access (ICode/DCode and System buses), and extensive
debug features including real time trace of program execution.
On-chip memory for the CPU includes 768 KB SRAM and 640 KB ROM.
8.2 One-Time Programmable Memory
Various hardware configuration parameters may be stored in an internal One-Time Programmable (OTP) memory, which is read by
the system software after device reset. In addition, customer-specific parameters, including the system vendor ID and the MAC
address can be stored, depending on the specific board design. Customer accessible OTP memory is 502 bytes.
The initial state of all bits in an unprogrammed OTP device is 0. After any bit is programmed to a 1, it cannot be reprogrammed to 0.
The entire OTP array can be programmed in a single write cycle using a utility provided with the Cypress WLAN manufacturing test
tools. Alternatively, multiple write cycles can be used to selectively program specific bytes, but only bits which are still in the 0 state
can be altered during each programming cycle.
Prior to OTP memory programming, all values should be verified using the appropriate editable nvram.txt file, which is provided with
the reference board design package.
8.3 GPIO Interface
The following number of general-purpose I/O (GPIO) pins are available on the WLAN section of the CYW43353 that can be used to
connect to various external devices:
■ WLBGA package – 9 GPIOs
Upon power up and reset, these pins become tristated. Subsequently, they can be programmed to be either input or output pins via
the GPIO control register. In addition, the GPIO pins can be assigned to various other functions (see Table 21, “CYW43353 GPIO/
SDIO Alternative Signal Functions,”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com