Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST-W2-P-105-RPSMA-H Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RST-W2-P-105-RPSMA-H
Description  WiFi ANTENNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RST-W2-P-105-RPSMA-H Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RST-W2-P-105-RPSMA-H Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WiFi ANTENNA
Page 1 of 1
RST-W2-P-105-RPSMA-H
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3 r d S t r e e t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
Telephone: +1-305-593-6033  Fax: +1-305-594-3973  e-mail: sales@raltron.com  web: http://www.raltron.com
ELECTRICAL SPECIFICATION
May, 2016
SPECIFICATIONS
SPECIFICATIONS
UNIT
Frequency Range
2400 ~ 2483
MHz
Bandwidth
83
MHz
Input Impedance
50
Ω
VSWR, max
1.5
-
Polarization
Vertical
-
Gain
3
dBi
Power, max
30
W
Connector
RP-SMA MALE
-
Length
105
mm
Weight
25
g


Similar Part No. - RST-W2-P-105-RPSMA-H

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RST-W2-P-105-SMA-H RALTRON-RST-W2-P-105-SMA-H Datasheet
100Kb / 1P
WiFi ANTENNA
More results

Similar Description - RST-W2-P-105-RPSMA-H

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SH0319E PULSE-SH0319E Datasheet
470Kb / 5P
WIFI ANTENNA
logo
Raltron Electronics Cor...
RDP-GS-P-255-MMCX-3000-G RALTRON-RDP-GS-P-255-MMCX-3000-G Datasheet
223Kb / 2P
WiFi ANTENNA
RPC-W2-P-35-70-G RALTRON-RPC-W2-P-35-70-G Datasheet
213Kb / 2P
WiFi ANTENNA
RST-W2-P-67-SMA-G RALTRON-RST-W2-P-67-SMA-G Datasheet
156Kb / 2P
WiFi ANTENNA
RST-8002200-P-51-SMAM-H RALTRON-RST-8002200-P-51-SMAM-H Datasheet
114Kb / 1P
WiFi ANTENNA
RST-2400-P-190-IPEX-H RALTRON-RST-2400-P-190-IPEX-H Datasheet
117Kb / 1P
WiFi ANTENNA
RST-W2-P-105-SMA-H RALTRON-RST-W2-P-105-SMA-H Datasheet
100Kb / 1P
WiFi ANTENNA
RST-W2-P-195-RPSMA-W-G RALTRON-RST-W2-P-195-RPSMA-W-G Datasheet
132Kb / 2P
WiFi ANTENNA
RDM-W5C9-4515-RP1M-GE-001 RALTRON-RDM-W5C9-4515-RP1M-GE-001 Datasheet
659Kb / 6P
WiFi ANTENNA
Rev. A
logo
Suzhou Maswell Communic...
AN_W413 MASWELL-AN_W413 Datasheet
225Kb / 2P
WIFI Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com