Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST-TQX-900AR-R Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RST-TQX-900AR-R
Description  STUB ANTENNA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RST-TQX-900AR-R Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RST-TQX-900AR-R Datasheet HTML 1Page - Raltron Electronics Corporation RST-TQX-900AR-R Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STUB ANTENNA
Page 1 of 2
RST-TQX-900AR-R
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N .W . 3 3 r d S t r e e t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
Telephone: +1-305-593-6033  Fax: +1-305-594-3973  e-mail: sales@raltron.com  web: http://www.raltron.com
SPECIFICATIONS
ANTENNA
PARAMETER
VALUE
Frequency Range
902 ~ 920 MHz
Output VSWR, max
1.5
Impedance
50 
Peak Gain
2.15 dBi
Wavelength
¼ wave
Power, Max
50 w
Polarization
Vertical
Connector Type
RPSMA male
Weight, Max – g
10
MECHANICAL SPECIFICATIONS


Similar Part No. - RST-TQX-900AR-R

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RST-TQX-900AR RALTRON-RST-TQX-900AR Datasheet
125Kb / 2P
STUB ANTENNA
More results

Similar Description - RST-TQX-900AR-R

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RST-TQX-900AR RALTRON-RST-TQX-900AR Datasheet
125Kb / 2P
STUB ANTENNA
RST-TQX-900A-R RALTRON-RST-TQX-900A-R Datasheet
118Kb / 2P
STUB ANTENNA
RST-TQX-900A RALTRON-RST-TQX-900A Datasheet
117Kb / 2P
STUB ANTENNA
RST-HADB-1064 RALTRON-RST-HADB-1064 Datasheet
189Kb / 3P
ACTIVE DUAL BAND HELIX STUB ANTENNA
RST-GS-P-90-FME-Y RALTRON-RST-GS-P-90-FME-Y Datasheet
156Kb / 2P
STUB ANTENNA
RST-GS-P-51-SMA-H RALTRON-RST-GS-P-51-SMA-H Datasheet
127Kb / 2P
STUB ANTENNA
RST-GS-90-FME-Y RALTRON-RST-GS-90-FME-Y Datasheet
156Kb / 2P
STUB ANTENNA
RST-W7-30-A-G RALTRON-RST-W7-30-A-G Datasheet
161Kb / 3P
STUB ANTENNA
RST-YNX-KK0011-100 RALTRON-RST-YNX-KK0011-100 Datasheet
124Kb / 2P
STUB ANTENNA
logo
PHOENIX CONTACT
2313342 PHOENIX-2313342 Datasheet
56Kb / 2P
Antenna - PSI-GSM-STUB-ANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com