Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1490 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML1490
Description  RF/IF/Audio Amplifier Wideband Amplifier With AGC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1490 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML1490 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.lansdale.com
Page 2 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML1490
ELECTRICAL CHARACTERISTICS (VCC = 12 Vdc, f = 60 MHz, BW = 1.0 MHz, TA = 25°C)
Characteristic
Figure
Symbol
Min
Typ
Max
Unit
Power Supply Current Drain
–
ICC
–
–
17
mA
AGC Range (AGC) 5.0 V Min to 7.0 V Max
19
MAGC
–60
–
–
dB
Output Stage Current (Sum of Pins 1 and 8)
–
IO
4.0
–
7.5
mA
Single–Ended Power Gain RS = RL = 50 Ω
19
GP
40
–
–
dB
Noise Figure RS = 50 Ohms
19
NF
–
6.0
–
dB
Power Dissipation
–
PD
–
168
204
mW
Figure 1. Unneutralized Power Gain versus
Frequency (Tuned Amplifier, See Figure 19)
Figure 2. Voltage Gain versus Frequency
(Video Amplifier, See Figure 20)
Figure 3. Dynamic Range: Output Voltage versus
Input Voltage (Video Amplifier, See Figure 20)
Figure 4. Voltage Gain versus Frequency
(Video Amplifier, See Figure 20)
0
10
20
30
40
50
60
70
10
f, FREQUENCY (MHZ)
20
50
100
200
f, FREQUENCY (MHZ)
0.1
1.0
10
100
1000
10
0
20
30
40
50
0.01
0.05
0.1
0.5
1.0
5.0
10
en, INPUT VOLTAGE (mVRMS)
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50 100
f, FREQUENCY (MHZ)
0.3
0.5 1.0
3.0 5.0
10
30
50
100
300
10
0
20
30
40
50
VCC = 12 Vdc
RL = 1.0 k
RL = 100 Ω
RL = 10 Ω
RL = 1.0 kΩ
VCC = 6.3 Vdc
RL = 1.0 k
100 Ω
10 Ω
100 Ω
VCC = 12 Vdc
V5(AGC) = 0 V
f = 1.0 MHz
VCC = 12 Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com