Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML33111 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML33111
Description  Low Voltage Compander Silicon Monolithic Integrated Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML33111_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.lansdale.com
Page 5 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
TEMPERATURE PERFORMANCE (Typical performance based on device characterization, not guaranteed.)
Characteristic
– 40
°C
+25
°C
+ 85
°C
Power Supply Current
@ VCC = 3.6 V
1.2 mA
1.5 mA
1.6 mA
@ VCC = 7.0 V
1.4 mA
1.7 mA
1.9 mA
Reference Voltage (Vb)
1.495 V
1.5 V
1.505 V
0 dB Gain (Vin = 100 mVrms) — Compressor
0.08 dB
0 dB
– 0.04 dB
0 dB Gain (Vin = 100 mVrms) — Expander
0.04 dB
0 dB
– 0.03 dB
Total Harmonic Distortion (Vin = 100 mVrms) — Compressor
0.3%
0.2%
0.2%
Total Harmonic Distortion (Vin = 100 mVrms) — Expander
0.3%
0.2%
0.16%
Gain Tracking Relative to 0 dB Gain — Compressor
Vin = 1.0 Vrms
10.8 dB
10 dB
10 dB
Vin = 1.0 mVrms
–19.95 dB
– 20 dB
– 20.1 dB
Gain Tracking Relative to 0 dB Gain — Expander
Vin = 316 mVrms
18.6 dB
20 dB
19.95 dB
Vin = 10 mVrms
– 40.2 dB
– 40 dB
– 39.9 dB
Muting (
∆ Gain) with Pin 4 = High (Vin = 1.0 Vrms) — Compressor
68 dB
67 dB
66 dB
Muting (
∆ Gain) with Pin 12 = High (Vin = 0.316 Vrms) — Expander
76 dB
76 dB
75 dB
Figure 1. Mute Timing
Figure 2. Passthrough Timing
Compressor
or Expander
Output
Compressor
or Expander
Mute Input
tCMHL
tEMHL
tEMLH
tCMLH
Expander
Output
Compressor
Output
Passthrough
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com