Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH10H005SCT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH10H005SCT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H005SCT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH10H005SCT Datasheet HTML 1Page - Diodes Incorporated DMTH10H005SCT Datasheet HTML 2Page - Diodes Incorporated DMTH10H005SCT Datasheet HTML 3Page - Diodes Incorporated DMTH10H005SCT Datasheet HTML 4Page - Diodes Incorporated DMTH10H005SCT Datasheet HTML 5Page - Diodes Incorporated DMTH10H005SCT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMTH10H005SCT
Document number: DS39468 Rev. 2 - 2
2 of 6
www.diodes.com
June 2017
© Diodes Incorporated
DMTH10H005SCT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = +25°C
TC = +100°C
ID
140
99
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
400
A
Maximum Continuous Body Diode Forward Current
TC = +25°C
IS
100
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
400
A
Avalanche Current, L = 3mH (Note 7)
IAS
19
A
Avalanche Energy, L = 3mH (Note 7)
EAS
542
mJ
Avalanche Current, L = 0.1mH
IAS
25
A
Avalanche Energy, L = 0.1mH
EAS
31.2
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.9
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
51
°C/W
Total Power Dissipation
TC = +25°C
PD
187
W
Thermal Resistance, Junction to Case
RθJC
0.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
3.8
5
m
Ω
VGS = 10V, ID = 13A
Diode Forward Voltage
VSD
—
—
1.3
V
VGS = 0V, IS = 13A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
CISS
—
8,474
—
pF
VDS = 50V, VGS = 0V
f = 1MHz
Output Capacitance
COSS
—
1,608
—
Reverse Transfer Capacitance
CRSS
—
78
—
Gate Resistance
Rg
—
0.41
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
QG
—
111.7
—
nC
VDD = 50V, ID = 13A, VGS = 10V
Gate-Source Charge
QGS
—
28.9
—
Gate-Drain Charge
QGD
—
21.3
—
Turn-On Delay Time
tD(ON)
—
29.9
—
ns
VDD = 50V, VGS = 10V,
ID = 13A, Rg = 6Ω
Turn-On Rise Time
tR
—
30.3
—
Turn-Off Delay Time
tD(OFF)
—
79.7
—
Turn-Off Fall Time
tF
—
41.6
—
Reverse Recovery Time
tRR
—
70
—
ns
IF = 13A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
181
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com