Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145488 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML145488
Description  Dual Data Link Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145488 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145488 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.lansdale.com
Page 4 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML145488
Abort
The function of prematurely terminating a data frame is called
an abort. The transmitter aborts a frame by sending between seven
and fourteen consecutive 1s. When the receiver detects an abort
character, it responds by clearing the FIFO and clearing the buffer
in memory. It then begins searching for a new frame.
In–Frame, Inter–Frame Time Fill, and Idle
For LAPB and other applications, there are three states that the
data link may be in: in–frame, inter–frame time fill, and idle.
In–frame is the period from the beginning of an opening flag and
the end of a closing flag. Inter–frame time fill is the period
between frames when continuous flags are transmitted. Idle is an
out–of–frame period when continuous 1s are on the link. In
LAPD, on the D channel, there are only two states: in–frame and
idle. Continuous flags are not transmitted between frames.
BLOCK DIAGRAM DESCRIPTION
This section is a brief overview of the internal blocks of the
DDLC. The blocks include two protocol controllers that handle
the bit–level aspects of HDLC–like packet protocols and four
FIFOs that buffer the data, a four–channel DMA controller, and a
microprocessor interface block that connects the DDLC to the
host system. Figure 3 is a simplified block diagram of the DDLC.
While the DDLC has two data transceivers, only one is shown for
simplicity.
TRANSMIT BIT HANDLER
Two identical bit–level protocol transmitters are provided which
perform HDLC–type framing. This section describes the opera-
tion of only one transmitter, but it applies to both.
Packet Operation
The transmitter is designed to operate with as little intervention
from the host processor as possible. To transmit a frame of data,
the host merely informs the DDLC of the starting address of the
data frame in memory and the length of the frame in bytes. The
DDLC then transmits an opening flag and the data (LSB first)
from memory. When the transmitter detects that the end of the
data buffer has been reached, a CRC field and a closing flag are
appended. The transmitter generates an abort character if the
FIFO underruns. During inter–frame periods, the DDLC can be
configured to transmit either continuous flags (7E hex) or contin-
uous marks (FF hex).
State Diagram
Figure 2 is the state diagram for the transmitter in packet operation.
Abort
The DDLC can be configured to transmit a standard HDLC
abort character. It can also transmit an abort character which is
compatible with DMI 3.1 modes 2 or 3 for restricted B–channel
applications. An abort character will be transmitted when the TX
FIFO underruns, when the Force Abort bit is set in the Transmit
Control Register, or when the CTS pin is deasserted.
Flow Control Mechanisms
The DDLC provides two flow control mechanisms: one for basic
rate ISDN applications and the other for standard modem applications.
The following paragraphs describe the operation of the two schemes.
ISDN D Channel Contention
When the DDLC is operating on the D channel with the compan-
ion MC145474 S/T transceiver, the DREQ and DGRNT lines must
be used to comply with the basic rate D channel contention algo-
rithm. When the DDLC has a data frame to transmit, it asserts
DREQ (high). When DGRNT is detected high from the MC145474
transmission from the DDLC begins in the IDL D–bit time slots
when DREQ and DGRNT are both active. If DGRNT is deasserted
(goes low) in the middle of a frame, the DDLC automatically
aborts the frame in progress and prepares to retransmit the entire
frame when the D channel becomes available again. This is done
without interrupting the host.
Modem Flow Control
The transmitter indicates to a modem that it has data ready to
transmit with signals similar to D channel operation. In this mode,
Request–To–Send (RTS) is directly controlled by theTransmit
Enable (TE) bit. When TE is high, the RTS pin is asserted (low).
During inter–frame periods, either flags or
DATA READY OR
FLAG IDLE
IDLE
FLAG SENT AND
DATA READY
SEND
FLAG
1
SEND
DATA
END OF DATA
SEND
CRC
NO
DATA
CRC SENT
SEND
FLAG
2
ABORT
SENT
ABORT
ABORT
ABORT OR
NO CTS
ABORT OR
NO CTS OR
FIFO UNDERRUN
ABORT OR
NO CTS
ABORT OR
NO CTS
Figure 2. Transmitter State Diagram
HDLC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com