Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KM Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N7002KM
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N7002KM Datasheet(HTML) 2 Page - Micro Commercial Components

  2N7002KM Datasheet HTML 1Page - Micro Commercial Components 2N7002KM Datasheet HTML 2Page - Micro Commercial Components 2N7002KM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2017/08/27
www.mccsemi.com
2 of
3
Micro Commercial Components
M C C
R
Typical Characteristics
1
0
2
3
4
5
0.0
0.2
0.4
0.6
0.8
Ta=25
Plused
Output Characteristics
V
GS=10V
V
GS=7V
V
GS=4.5V
V
GS=3V
Drain to Source Voltage V
DS(V)
3
11
2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
DS=3V
Plused
Transfer Characteristics
T
a=125
Gate to Source Voltage V
GS(V)
T
a=25
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.4
0.8
1.2
1.6
2.0
Ta=25
Plused
R
DS(ON)——ID
Drain Current I
D(A)
V
GS=10V
V
GS=4.5V
4
22
8
10
0
2
4
6
8
R
DS(ON)——VGS
T
a=25
I
D
=500mA
Plused
Gate to Source Voltage V
GS(V)
T
a=125
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
I
S——VSD
Plused
T
a=125
Source to Drain Voltage V
SD(V)
T
a=25
25
50
75
100
125
1.0
1.1
1.2
1.3
1.4
1.5
Threshold Voltage
Juction Temperature T
J(
)
I
D=250uA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com