Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002V Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N7002V
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N7002V Datasheet(HTML) 2 Page - Micro Commercial Components

  2N7002V_17 Datasheet HTML 1Page - Micro Commercial Components 2N7002V_17 Datasheet HTML 2Page - Micro Commercial Components 2N7002V_17 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
2017/01/01
www.mccsemi.com
2 of
3
Micro Commercial Components
M C C
R
06
12
18
0
2
4
6
2
0
46
0.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-3
0.01
0.1
1
1
0
3
2
5
4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
I
D=50mA
I
D=500mA
I
D
R
DS(ON)
——
T
a=25
Pulsed
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
Pulsed
T
a=25
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
3E-3
2
T
a=25
Pulsed
0.3
0.03
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE V
SD
V)
(
V
GS=5V
V
GS=10V,9V,8V,7V,6V
V
GS=4V
V
GS=3V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=5V
V
GS=10V
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com