Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3774 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3774
Description  HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3774 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3774 Datasheet HTML 1Page - Diodes Incorporated AH3774 Datasheet HTML 2Page - Diodes Incorporated AH3774 Datasheet HTML 3Page - Diodes Incorporated AH3774 Datasheet HTML 4Page - Diodes Incorporated AH3774 Datasheet HTML 5Page - Diodes Incorporated AH3774 Datasheet HTML 6Page - Diodes Incorporated AH3774 Datasheet HTML 7Page - Diodes Incorporated AH3774 Datasheet HTML 8Page - Diodes Incorporated AH3774 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AH3774
Document number: DS37899 Rev. 1 - 2
4 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3774
Magnetic Characteristics (Notes 11 & 12) (TA = -40°C to +125°C, VDD = 3.0V to 28V, unless otherwise specified) (1mT=10 Gauss)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bop (South Pole to part marking side for
SOT23 and SIP-3 packages);
South Pole to the non-part marking side
for SC59 package. See diagram below)
Operation Point
VDD = 12V, TA = +25°C
—
40
—
Gauss
TA = -40°C to +125°C
20
40
60
Brp (North Pole to part marking side for
SOT23 and SIP-3 packages;
North Pole to the non-part marking side
for SC59 package. See diagram below)
Release Point
VDD = 12V, TA = +25°C
—
-40
—
TA = -40°C to +125°C
-60
-40
-20
Bhy (|Bopx|-|Brpx|)
Hysteresis (Note 13)
VDD = 12V, TA = +25°C
—
80
—
TA = -40°C to +125°C
40
80
120
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is
valid after the start-up time of 10µs typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25°C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control and characterization.
VDD
Brp
Bop
0
( Magnetic Flux Density B )
Output
Turn off
Turn on
(off-state)
VOUT_ON = VOUT(SAT)
Bhy
(on-state)
Part mark
N
S
(SOT23)
Part mark
S
(SIP-3)
N
Part mark
N
S
(SC59)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com