Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C3321 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3321
Description  SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3321 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3321 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3321 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3321 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3321 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: BNC Male
• Cable Type: RG179
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
400
MHz
VSWR
1.4:1
Velocity of Propagation
70
%
Capacitance
19.4 [63.65]
pF/ft [pF/m]
Operating Voltage (AC)
335
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.09
1.14
dB/ft
3.41
3.58
3.74
dB/m
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG179
Impedance
75 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax PE3C3321
PE3C3321 REV 1.0
SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3321


Similar Part No. - PE3C3321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3321-12 PASTERNACK-PE3C3321-12 Datasheet
360Kb / 4P
SMA Male to BNC Male Cable 12 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-24 PASTERNACK-PE3C3321-24 Datasheet
360Kb / 4P
SMA Male to BNC Male Cable 24 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-36 PASTERNACK-PE3C3321-36 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-48 PASTERNACK-PE3C3321-48 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 48 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-60 PASTERNACK-PE3C3321-60 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 60 Inch Length Using 75 Ohm RG179 Coax
More results

Similar Description - PE3C3321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3321-24 PASTERNACK-PE3C3321-24 Datasheet
360Kb / 4P
SMA Male to BNC Male Cable 24 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-36 PASTERNACK-PE3C3321-36 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-48 PASTERNACK-PE3C3321-48 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 48 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-60 PASTERNACK-PE3C3321-60 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 60 Inch Length Using 75 Ohm RG179 Coax
PE3C3321-72 PASTERNACK-PE3C3321-72 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 72 Inch Length Using 75 Ohm RG179 Coax
PE3C3321LF PASTERNACK-PE3C3321LF Datasheet
365Kb / 4P
SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax, LF Solder, RoHS
PE3C3321LF-12 PASTERNACK-PE3C3321LF-12 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 12 Inch Length Using 75 Ohm RG179 Coax
PE3C3321LF-24 PASTERNACK-PE3C3321LF-24 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 24 Inch Length Using 75 Ohm RG179 Coax
PE3C3321LF-36 PASTERNACK-PE3C3321LF-36 Datasheet
361Kb / 4P
SMA Male to BNC Male Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3349 PASTERNACK-PE3C3349 Datasheet
377Kb / 4P
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com