Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4011SPD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH4011SPD
Description  40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4011SPD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH4011SPD Datasheet HTML 1Page - Diodes Incorporated DMTH4011SPD Datasheet HTML 2Page - Diodes Incorporated DMTH4011SPD Datasheet HTML 3Page - Diodes Incorporated DMTH4011SPD Datasheet HTML 4Page - Diodes Incorporated DMTH4011SPD Datasheet HTML 5Page - Diodes Incorporated DMTH4011SPD Datasheet HTML 6Page - Diodes Incorporated DMTH4011SPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH4011SPD
Document number: DS40409 Rev. 1 - 2
1 of 7
www.diodes.com
December 2017
© Diodes Incorporated
DMTH4011SPD
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
40V
15m
Ω @ VGS = 10V
42A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– Ensures More Reliable
and Robust End Application
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH4011SPDQ)
Mechanical Data
Case: PowerDI
®
5060-8 (Type C)
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH4011SPD-13
PowerDI5060-8 (Type C)
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen and Antimony free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Pin Out
Top View
Equivalent Circuit
= Manufacturer’s Marking
TH4011SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 17 = 2017)
WW = Week (01 to 53)
D1
S1
G1
D2
S2
G2
Bottom View
Top View
Pin1
S1
D2
D1
G2
D1
D2
G1
S2
S1
D1
G1
S2
G2
D1
D2
D2
TH4011SD
YY WW
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - DMTH4011SPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4011SPDQ DIODES-DMTH4011SPDQ Datasheet
405Kb / 7P
40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4011SPDQ-13 DIODES-DMTH4011SPDQ-13 Datasheet
405Kb / 7P
40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMTH4011SPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH4011SPS DIODES-DMNH4011SPS Datasheet
380Kb / 7P
40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 2
DMNH6012LK3 DIODES-DMNH6012LK3 Datasheet
615Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 3
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 2
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4004SK3Q DIODES-DMTH4004SK3Q Datasheet
581Kb / 7P
40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
642Kb / 7P
30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH4005SPS DIODES-DMNH4005SPS Datasheet
625Kb / 7P
40V N-CHANNEL 175째C MOSFET
Rev 2
DMTH4011SPDQ DIODES-DMTH4011SPDQ Datasheet
405Kb / 7P
40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com