Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC0829 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC0829
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC0829 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC0829 Datasheet HTML 1Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 2Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 3Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC0829
2
SJC00098CED
PC  Ta
IC  VCE
IC  VBE
IB  VBE
VCE(sat)  IC
hFE  IC
fT  IE
Zrb  IE
Cre  VCE
0
160
40
120
80
0
500
400
300
200
100
Ambient temperature T
a (°C)
0
4
8
12
16
0
12
10
8
6
4
2
Ta
= 25°C
IB
= 100 µA
80
µA
60
µA
40
µA
20
µA
Collector-emitter voltage V
CE (V)
02.0
1.6
0.4
1.2
0.8
0
60
50
40
30
20
10
VCE
= 10 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
0
1.2
0.4
0.8
1.6
0
120
100
80
60
40
20
VCE
= 10 V
Ta
= 25°C
Base-emitter voltage V
BE (V)
0.1
1
10
100
0.01
0.1
1
10
100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0.1
1
10
100
0
300
250
200
150
100
50
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
− 0.1
−1
−10
−100
0
600
500
400
300
200
100
Ta
= 25°C
VCB
= 10 V
6 V
Emitter current I
E (mA)
− 0.1
−1
−10
0
80
60
20
50
70
40
10
30
f
= 2 MHz
Ta
= 25°C
VCB
= 6 V
10 V
Emitter current I
E (mA)
0.1
1
10
100
0
2.4
2.0
1.6
1.2
0.8
0.4
IC
= 1 mA
f
= 10.7 MHz
Ta
= 25°C
Collector-emitter voltage V
CE (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com