Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCCD2005 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MCCD2005
Description  Dual N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCCD2005 Datasheet(HTML) 2 Page - Micro Commercial Components

  MCCD2005 Datasheet HTML 1Page - Micro Commercial Components MCCD2005 Datasheet HTML 2Page - Micro Commercial Components MCCD2005 Datasheet HTML 3Page - Micro Commercial Components MCCD2005 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision:
A
20
16/02/03
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Micro Commercial Components
M C C
R
www.mccsemi.com
2 of 4
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V (BR) DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =16V,VGS = 0V
10
µA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
µA
±10
Gate threshold voltage (note 1)
GS(th)
V
VDS =VGS, ID =250µA
0.5
1
V
Drain-source on-resistance (note 1)
DS(
R
on)
VGS =10V, ID =8A
13
mΩ
VGS =4.5V, ID =5A
14
mΩ
VGS =3.8V, ID =5A
15.5
mΩ
VGS =2.5V, ID =4A
19
mΩ
VGS =1.8V, ID =3A
27
mΩ
Forward tranconductance (note 1)
FS
g
VDS =5V, ID =8A
36
S
Diode forward voltage(note 1)
SD
V
S
I =1A, VGS = 0V
1
V
DYNAMIC PARAMETERS
(note 2)
Input Capacitance
Ciss
VDS =10V,VGS =0V,f =1MHz
1800
pF
Output Capacitance
Coss
230
pF
Reverse Transfer Capacitance
Crss
200
pF
Total gate charge
Qg
VDS =10V,VGS =4.5V,ID =8A
17.9
nC
Gate-source charge
Qgs
1.5
nC
Gate-drain charge
Qgd
4.7
nC
SWITCHING PARAMETERS
(note 2)
Turn-on delay time
td(on)
VGS=10V,VDD=10V,
RL=1.2Ω,RGEN=3Ω
2.5
ns
Turn-on rise time
tr
7.2
ns
Turn-off delay time
td(off)
49
ns
Turn-off fall time
tf
10.8
ns
Notes :
1.
Pulse Test : Pulse width≤300µs, duty cycle≤0.5%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com