Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS2010 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MCS2010
Description  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCS2010 Datasheet(HTML) 2 Page - Micro Commercial Components

  MCS2010 Datasheet HTML 1Page - Micro Commercial Components MCS2010 Datasheet HTML 2Page - Micro Commercial Components MCS2010 Datasheet HTML 3Page - Micro Commercial Components MCS2010 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision:
A
20
16/02/03
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Micro Commercial Components
M C C
R
www.mccsemi.com
2 of 4
Notes :
1.Repetitive rating:Pluse width limited by maximum junction temperature
2.Surface mounted on FR4 board,t≤10 sec.
3.. Pulse test : Pulse width≤300μs, duty cycle≤2%.
4. Guaranteed by design, not subject to production.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =20V,VGS = 0V
11
uA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
uA
±10
Gate threshold voltage (note 3)
GS(th)
V
VDS =VGS, ID =250µA
0.3
1
V
Drain-source on-resistance(note 3)
DS(o
R
n)
VGS =4.5V, ID =10A
5.5
9.5
mΩ
VGS =4V, ID =10A
5.8
10
mΩ
VGS =3.5V, ID =9A
9
10.5
mΩ
VGS =3.1V, ID =9A
9A
3
11.5
mΩ
VGS =2.5V, ID =8A
8A
8
13
mΩ
Forward tranconductance(note 3)
FS
g
VDS =5V, ID =10A
65
S
Diode forward voltage (note 3)
SD
V
S=1
I
A, VGS = 0V
1
V
DYNAMIC PARAMETERS (note 4)
Input Capacitance
Ciss
VDS =10V,VGS =0V,f =1MHz
1000
1510
pF
Output Capacitance
Coss
150
290
pF
Reverse Transfer Capacitance
Crss
100
235
pF
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
VGS=4.5V,VDS=10V,
RGEN=3Ω,RL=1Ω
1.1
ns
Turn-on rise time
tr
2.6
ns
Turn-off delay time
td(off)
7
ns
Turn-off fall time
tf
7.4
ns
Total Gate Charge
Qg
VDS=10V,VGS=4.5V
ID=10A
10
15
nC
Gate-Source Chage
Qgs
5.5
nC
Gage-Drain Charge
Qgd
6.5
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com