Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C022G Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C022G
Description  Buck DC/DC Converter Low Noise LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C022G Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C022G Datasheet HTML 9Page - Cypress Semiconductor MB39C022G Datasheet HTML 10Page - Cypress Semiconductor MB39C022G Datasheet HTML 11Page - Cypress Semiconductor MB39C022G Datasheet HTML 12Page - Cypress Semiconductor MB39C022G Datasheet HTML 13Page - Cypress Semiconductor MB39C022G Datasheet HTML 14Page - Cypress Semiconductor MB39C022G Datasheet HTML 15Page - Cypress Semiconductor MB39C022G Datasheet HTML 16Page - Cypress Semiconductor MB39C022G Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Document Number: 002-08460 Rev. *C
Page 13 of 29
MB39C022G/J/L/N
9. Test Circuit For Measuring Typical Operating Characteristics
* : The output voltage of VO1 can be adjusted by the external resistor divider R5.
Component
Item
Specification
Remarks
C1
Ceramic capacitor
10 μF
C2
Ceramic capacitor
4.7 μF
C3
Ceramic capacitor
22 pF
C4
Ceramic capacitor
4.7 μF
C5
Ceramic capacitor
1 μF
for MB39C022J, MB39C022L
4.7 μF
for MB39C022G, MB39C022N
L1
Inductor
2.2 μH
R3
Resistor
1 MΩ
R5
Resistor
600 kΩ
at VO1 = 1.2 V*
R6
Resistor
200 kΩ
VO1 = Vref ×
(R5
+ R6)
= 0.3 V ×
(600 kΩ
+ 200 kΩ)
= 1.2 V
R6
200 kΩ
EN2
VIN2
VOUT2
POR
GND2
FB
EN1
VIN1
LX
GND1
VO1
VIN
POR
EN2
EN1
C4
C5
C2
C1
L1
R6
R3
C3
R5
VO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com