Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F543GPF Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB90F543GPF
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F543GPF Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB90F543GPF Datasheet HTML 36Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 37Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 38Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 39Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 40Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 41Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 42Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 43Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 40 of 70
MB90540G/545G Series
11.3 DC Characteristics
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
 40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10%, V
SS
AV
SS
0.0 V, T
A
 40 C to 105 C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Typ
Max
Input H
voltage
VIHS
CMOS
hysteresis
input pin
0.8 VCC
VCC
0.3 V
VIH
TTL input pin
2.0

V
VIHM
MD input pin
VCC
0.3
VCC
0.3 V
Input L
voltage
VILS
CMOS
hysteresis
input pin
VCC
0.3
0.2 VCC
V
VIL
TTL input pin

0.8
V
VILM
MD input pin
VSS
0.3
VSS
0.3
V
Output H
voltage
VOH
All output pins
VCC
4.5 V,
IOH
 4.0 mA
VCC
0.5

V
Output L
voltage
VOL
All output pins
VCC
4.5 V,
IOL
4.0 mA

0.4
V
Input leak
current
IIL
VCC
5.5 V,
VSS
 VI  VCC
5
5
A
Pull-up
resistance
RUP
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
RST
25
50
100
k
Pull-down
resistance
RDOWN
MD2
25
50
100
k
Except
Flash
devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com