Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBSP Datasheet(PDF) 2 Page - Lumberg

Part # MBSP
Description  Minimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MBSP Datasheet(HTML) 2 Page - Lumberg

  MBSP Datasheet HTML 1Page - Lumberg MBSP Datasheet HTML 2Page - Lumberg MBSP Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
31 MBSP
01/2018
2
Environmental conditions
Temperature range
-40 °C/+100 °C
Materials
Component
PC, V-0 according to UL94
Associated products
Accessories
�
2,5 MB
�
2,5 MB
�
2,5 MBPH
�
2,5 MBPH
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com