Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICS Datasheet(PDF) 1 Page - Lumberg

Part # MICS
Description  Micromodul connectors, pitch 1.27 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICS Datasheet(HTML) 1 Page - Lumberg

  MICS_18 Datasheet HTML 1Page - Lumberg MICS_18 Datasheet HTML 2Page - Lumberg MICS_18 Datasheet HTML 3Page - Lumberg MICS_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30 MICS
01/2018
1
Micromodul™ connectors, pitch 1.27 mm
Micromodul™ tab header, upright, MICS: with retaining
hooks, solder contacts dual row staggered
State: Active
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 4


Similar Part No. - MICS_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
MICSW18 LUMBERG-MICSW18 Datasheet
80Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICSW18 LUMBERG-MICSW18 Datasheet
169Kb / 2P
Micro modul-Messerleiste, abgewinkelt, Lotkontakte doppelreihig versetzt
MICSW18 LUMBERG-MICSW18 Datasheet
295Kb / 3P
Micromodul connectors, pitch 1.27 mm
More results

Similar Description - MICS_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
302299 LUMBERG-302299_18 Datasheet
443Kb / 4P
Micromodul connectors, pitch 1.27 mm
AZ30 LUMBERG-AZ30 Datasheet
311Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICA LUMBERG-MICA_18 Datasheet
608Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICAL LUMBERG-MICAL_18 Datasheet
738Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICALD LUMBERG-MICALD Datasheet
769Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICS-D LUMBERG-MICS-D Datasheet
440Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSSMD LUMBERG-MICSSMD Datasheet
457Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSSMDRP LUMBERG-MICSSMDRP Datasheet
539Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSW LUMBERG-MICSW_18 Datasheet
295Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICAVP3 LUMBERG-MICAVP3 Datasheet
645Kb / 4P
Micromodul connectors, pitch 1.27 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com