Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICS06 Datasheet(PDF) 3 Page - Lumberg

Part # MICS06
Description  Micromodul connectors, pitch 1.27 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICS06 Datasheet(HTML) 3 Page - Lumberg

  MICS06 Datasheet HTML 1Page - Lumberg MICS06 Datasheet HTML 2Page - Lumberg MICS06 Datasheet HTML 3Page - Lumberg MICS06 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30 MICS
01/2018
3
*g
*a
cranked solder contact (from 20 poles on), all cranked on
request
*b
contact 1
*c
printed circuit board layout, solder side view
*d
necessary space for use of pull-off tongs AZ30
*e
component area (B x 7)
*f
recommended thickness of circuit board 1.5 ±0.14 mm
*g
printed circuit board layout, solder side view, for pole
numbers 20 and 26, with bore holes for cranked solder
contacts
*h
bore hole for cranked solder contact
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com