Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICSW Datasheet(PDF) 1 Page - Lumberg

Part # MICSW
Description  Micromodul connectors, pitch 1.27 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICSW Datasheet(HTML) 1 Page - Lumberg

  MICSW Datasheet HTML 1Page - Lumberg MICSW Datasheet HTML 2Page - Lumberg MICSW Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30 MICSW
01/2018
1
Micromodul™ connectors, pitch 1.27 mm
Micromodul™ tab header, angular, solder contacts dual
row staggered
State: Active
of 3


Similar Part No. - MICSW

ManufacturerPart #DatasheetDescription
logo
Lumberg
MICSW LUMBERG-MICSW Datasheet
80Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICSW LUMBERG-MICSW Datasheet
169Kb / 2P
Micro modul-Messerleiste, abgewinkelt, Lotkontakte doppelreihig versetzt
MICSW04 LUMBERG-MICSW04 Datasheet
80Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICSW04 LUMBERG-MICSW04 Datasheet
169Kb / 2P
Micro modul-Messerleiste, abgewinkelt, Lotkontakte doppelreihig versetzt
MICSW06 LUMBERG-MICSW06 Datasheet
80Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
More results

Similar Description - MICSW

ManufacturerPart #DatasheetDescription
logo
Lumberg
302299 LUMBERG-302299_18 Datasheet
443Kb / 4P
Micromodul connectors, pitch 1.27 mm
AZ30 LUMBERG-AZ30 Datasheet
311Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICA LUMBERG-MICA_18 Datasheet
608Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICAL LUMBERG-MICAL_18 Datasheet
738Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICALD LUMBERG-MICALD Datasheet
769Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICS LUMBERG-MICS_18 Datasheet
453Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICS-D LUMBERG-MICS-D Datasheet
440Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSSMD LUMBERG-MICSSMD Datasheet
457Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSSMDRP LUMBERG-MICSSMDRP Datasheet
539Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICAVP3 LUMBERG-MICAVP3 Datasheet
645Kb / 4P
Micromodul connectors, pitch 1.27 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com