Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICSW18 Datasheet(PDF) 3 Page - Lumberg

Part # MICSW18
Description  Micromodul connectors, pitch 1.27 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICSW18 Datasheet(HTML) 3 Page - Lumberg

  MICSW18 Datasheet HTML 1Page - Lumberg MICSW18 Datasheet HTML 2Page - Lumberg MICSW18 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
30 MICSW
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
MICSW 04
4
1000
2000
3.81
8.86
MICSW 06
6
1000
2000
6.35
11.40
MICSW 08
8
1000
2000
8.89
13.94
MICSW 10
10
1000
2000
11.43
16.48
MICSW 12
12
500
2000
13.97
19.02
MICSW 14
14
500
2000
16.51
21.56
MICSW 16
16
500
1000
19.05
24.10
MICSW 18
18
500
1000
21.59
26.64
MICSW 20
20
500
1000
24.13
29.18
MICSW 26
26
500
1000
31.75
36.80
MICSW 04 0,8 AU
4
1000
2000
-
-
MICSW 10 0,8 AU
10
1000
2000
-
-
Packaging:
in bulk, in a cardboard box
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com