Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTDF20K Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # HTDF20K
Description  Silicon Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

HTDF20K Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  HTDF20K Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited HTDF20K Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited HTDF20K Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited HTDF20K Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Bridge Rectifiers
HTDF20J- HTDF20M
TDF719AA
www.gmesemi.com
Rev.B
Production specification
Features
Glass passivated junction
High surge current capability
Saves space on printed circuit boards
High temperature soldering guaranteed:
260°C/10 seconds
RoHS Compliant
Mechanical Data
Case: TDF molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: As marked on body
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
HTDF20J
HTDF20K
HTDF20M
Units
Peak repetitive reverse voltage
VRRM
600
800
1000
V
RMS reverse voltage
VRMS
420
560
700
V
DC blocking voltage
VDC
600
800
1000
V
Maximum average forward output current
IF(AV)
2.0
A
Peak forward surge current,
8.3ms single half-sine-wave
@TJ= 25°C
IFSM
50
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
HTDF20J
HTDF20K
HTDF20M
Units
Typical thermal resistance per leg
(Note 1)
R ΘJA
R ΘJC
50
°C /W
10
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - HTDF20K

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
logo
List of Unclassifed Man...
HTD ETC2-HTD Datasheet
925Kb / 14P
CONTACTOR 60 AMP
logo
Weller Tools
HTD WELLER-HTD Datasheet
80Kb / 4P
Soldering Tips
logo
RMT Ltd.
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTD04-127-05D16 RMT-HTD04-127-05D16 Datasheet
1Mb / 5P
Thermoelectric Solutions
More results

Similar Description - HTDF20K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com